Electronic Components Datasheet Search
  English  ▼

X  

ETF012 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # ETF012
Description  ELECTRONIC HYGROTHERM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

ETF012 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  ETF012 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
L
N
N
L
N
L
L N
AC
+ –
DC
STEGO - PRODUCT CATALOGUE
TECHNICAL DATA
Switch difference (temperature)
2 K (±1 K tolerance) at +25 °C (+77 °F), 50 % RH
Switch difference (humidity)
4 % RH (±1 % tolerance) at +25 °C (+77 °F), 50 % RH
Reaction time (humidity)
~ 5 s
Contact type
change-over contact (relay)
Service life
VDE: NO/NC > 15,000 cycles
UL: NO/NC > 30,000 cycles
Max. switching capacity (relay output)
AC 240 V, 10 (1.6) A1
DC 60 V, 0.6 A
Max. inrush current
AC 30 A for 10 s
Optical indicator
LED
Connection
5-pole terminal, clamping torque 0.5 Nm max.:
rigid/stranded² wire 2.5 mm² (AWG 14)
Mounting
clip for 35mm DIN rail, EN 60715
Casing
plastic according to UL94 V-0, light grey
Dimensions
77 x 60 x 43 mm
Weight
~ 0.2 kg
Fitting position
vertical
Operating/Storage temperature
-40 to +60 °C (-40 to +140 °F)
Operating/Storage humidity
< 90 % RH (non-condensing)
Protection type
IP20
Approvals
VDE, UL File No. E164102, EAC
¹ Switching of resistive load (switching of inductive load)
² When connecting with stranded wires, wire end ferrules must be used.
The electronic hygrotherm senses the ambient temperature and relative humidity in an enclosure with electric/
electronic components and turns on a heater (or alternatively a fan) at either set point, helping prevent the
formation of condensation in the enclosure. Due to its wide voltage range the hygrotherm can be utilised anywhere
in the world. The LED integrated in the adjustment knob on the active controller is lit when the connected device
is in operation. The version with an external sensor can be installed anywhere in the control cabinet and enables
precise measurement.
> Temperature and humidity adjustable
> Wide voltage range
> Operating temperature down to -40 °C
> High switching capacity
> Status indicator (LED)
Connection diagram
Example of connection
with integrated sensor
Heater
Hygrotherm
ETF 012
Heater
ELECTRONIC HYGROTHERM
ETF 012
Art. No.
(integrated sensor)
Art. No.
(external sensor, 1 m cable)
Art. No.
(external sensor, 2 m cable)
Operating voltage
Setting range
temperature
Setting range humidity
01230.0-00
01231.0-00
01231.0-01
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
0 to +60 °C
50 to 90 % RH
01230.9-00
01231.9-00
01231.9-01
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
+32 to +140 °F
50 to 90 % RH
01230.1-00
01231.1-00
01231.1-01
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
0 to +60 °C
50 to 90 % RH
Dimensions ETF 012
Dimensions external sensor
Example of connection
with external sensor
Hygrotherm
ETF 012
Heater
REGULATING


Similar Part No. - ETF012

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETF05-SC300-U1 ETA-USA-ETF05-SC300-U1 Datasheet
2Mb / 4P
300W DC/DC
More results

Similar Description - ETF012

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
logo
ON Semiconductor
NIS5112 ONSEMI-NIS5112 Datasheet
96Kb / 9P
Electronic Fuse
November, 2006 ??Rev. 4
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
N214 IVO-N214 Datasheet
456Kb / 2P
Totalizers electronic
logo
List of Unclassifed Man...
CH-8BK ETC2-CH-8BK Datasheet
256Kb / 3P
ELECTRONIC ENCLOSURES
logo
JILIN SINO-MICROELECTRO...
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
logo
DATEL, Inc.
ADCDS-1403-C DATEL-ADCDS-1403-C Datasheet
100Kb / 1P
Electronic Imaging
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com