Electronic Components Datasheet Search
  English  ▼

X  

BAT54APBF Datasheet(PDF) 4 Page - International Rectifier

Part # BAT54APBF
Description  SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

BAT54APBF Datasheet(HTML) 4 Page - International Rectifier

  BAT54APBF Datasheet HTML 1Page - International Rectifier BAT54APBF Datasheet HTML 2Page - International Rectifier BAT54APBF Datasheet HTML 3Page - International Rectifier BAT54APBF Datasheet HTML 4Page - International Rectifier BAT54APBF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAT54APbF
Bulletin PD-21124 04/06
4
www.irf.com
Ordering Information Table
Device
Package
Marking
Configuration
Base qty
Deliverymode
BAT54A
SOT-23
FYWLC
Dual C. Anode
3000
Tape & Reel
Tape & Reel Information
Dimensions in millimeters
Outline Table
D
J
A
D
G
H
K
C
F
B
M
L
1
3
2
α
SOLDERING PAD
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.37
0.51
0.015
0.020
B
1.20
1.40
0.047
0.055
C
2.30
2.50
0.091
0.098
D
0.89
1.03
0.035
0.041
F
0.45
0.60
0.018
0.024
H
2.80
3.00
1.110
0.118
J
0.013
0.10
0.001
0.004
K
0.89
1.10
0.035
0.043
L
0.45
0.61
0.018
0.024
M
0.09
0.18
0.003
0.007
α
8°
8°
C
2
1
3
2.0"
0.037 mm
0.95"
0.079 mm
0.037 mm
0.95"
0.035 mm
0.9"
0.031 mm
0.8"
(A)
(K)
(K)
SOT23



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com