Electronic Components Datasheet Search
  English  ▼

X  

FPI018 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # FPI018
Description  FILTER FAN PLUS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

FPI018 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  FPI018 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH FPI018 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48
PRODUCT CATALOGUE - STEGO
COOLING
FILTER FAN PLUS
FPI/FPO 018 | up to 97 m³/h (124 x 124 mm)
TECHNICAL DATA
Axial fan, ball bearing
service life L10 at +40 °C (+104 °F): min. 37,000 h
fan body aluminium, rotor metal
Connection
2 stranded wires, 300 mm
Casing, hood, flaps
plastic according to UL94 V-0, light grey;
UV light resistant according to UL746C (f1)
Enclosure cut-out
124 x 124+1 mm
Mounting frame
4 built-in ratchet braces for mounting
(6 notches for wall thickness 1 — 4 mm).
Additional use of screws possible if needed1.
Filter mat
ISO coarse 55% acc. to ISO 16890 (G3),
initial gravimetric arrestance 57 %
Filter material
synthetic fibre with progressive construction,
temperature resistant to +100 °C, self-extinguishing class F1,
moisture resistant to 100 % RH, reusable
Operating/Storage temperature
-40 to +70 °C (-40 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP54 / I (earthed)
Environmental rating UL/NEMA
UL TYPE 12 / NEMA 12
Approvals
VDE, UL File No. E234324, EAC
Note
other voltages on request
1
Drilling marks for screw mounting are indicated on mounting frame.
AIRFLOW DIRECTION "IN": FILTER FAN FPI 018
Art. No.
Operating voltage
Air volume,
free flow
Air volume
with exit filter
Current consumption
(50/60 Hz)
Power
consumption
Average noise level
(DIN EN ISO 4871)
Depth in
enclosure
Weight
(approx.)
Filter mat
01871.0-30
AC 230 V, 50/60 Hz
52 m³/h
42 m³/h
120 mA
19 W
49 db (A)
66 mm
0.8 kg
G3
01871.9-30
AC 115 V, 50/60 Hz
62 m³/h
51 m³/h
230 mA
18 W
53 db (A)
66 mm
0.8 kg
G3
AIRFLOW DIRECTION "IN": EXIT FILTER FPI 118
Art. No.
Depth in enclosure
Weight (approx.)
Air outlet
11871.0-00
35 mm
0.3 kg
air-flap outlet technology
Filter fans are used to provide an optimum climate in enclosures and cabinets with electrical/electronic components.
The interior temperature of an enclosure can be reduced by channelling cooler filtered outside air into the enclosure
thus expelling heated internal air. The resulting airflow prevents formation of localised hot pockets in installations
and protects electronic components from overheating.
The Filter Fan Plus series uses a new air-flap outlet technology for the air outlet and thus reaches a high degree
of airflow. A ratchet mechanism is used for mounting and provides high stability and tightness. Depending on the
application there are two systems that are available – the FPI or FPO system. The FPI system is a standard installation
with a filter fan in the lower part of the enclosure which ensures that fresh air is fed into the enclosure (airflow
direction "In"). This system consists of a filter fan and exit filter. Whereas in the FPO system, the filter fan is located
in the upper area of the enclosure to avoid heat buildups (airflow direction "Out"). The FPO system is composed of
an intake filter and exit filter fan. The Filter Fan Plus series may also be used outdoors with appropriate protective
measures or when equipped with weather proof accessories, e.g. Hose-proof Hood FFH 086.
> New air-flap outlet technology for
high airflow
> Easy mounting
> Protection type test/Environmental
rating by independent testing institutes
(VDE and UL)
> Two systems for optimal airflow
(FPI/FPO)
> Standard enclosure cut-out sizes
(5 sizes)
> One filter mat
Exit Filter FPI 118
Filter Fan FPI 018
Air-flaps
Filter mat
SYSTEM FPI
48TECHNICAL DATASHEET


Similar Part No. - FPI018

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
FPI018 STEGO-FPI018 Datasheet
562Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
527Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
516Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
783Kb / 2P
FILTER FAN PLUS
29.01.2020
FPI018 STEGO-FPI018 Datasheet
563Kb / 2P
FILTER FAN PLUS
29.01.2020
More results

Similar Description - FPI018

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
FAN FILTER
08/05/2022
CFFA-600 CUID-CFFA-600 Datasheet
316Kb / 2P
FAN FILTER
08/05/2022
CFFA-800 CUID-CFFA-800 Datasheet
347Kb / 2P
FAN FILTER
08/05/2022
CFFA-920 CUID-CFFA-920 Datasheet
387Kb / 2P
FAN FILTER
08/05/2022
logo
CoolCox Limited All rig...
CCFA12CM COOLCOX-CCFA12CM Datasheet
1,006Kb / 1P
Fan Filter
CCFA8CM COOLCOX-CCFA8CM Datasheet
928Kb / 1P
Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
Fan Filter
CCFF4CM COOLCOX-CCFF4CM Datasheet
2Mb / 1P
Fan Filter
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
Fan Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com