Electronic Components Datasheet Search
  English  ▼

X  

SL025 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # SL025
Description  SLIMLINE LAMP WITH MOVEMENT SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

SL025 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  SL025 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
97
STEGO - PRODUCT CATALOGUE
LIGHTING
The flat slimline lamp SL 025 with movement sensor is suitable for all types of panels and enclosures, especially
where space is at a premium. The lamp can be mounted on its narrow or broad surface using screws. It is also
available with a magnet which allows it to be fitted quickly in any position in a steel enclosure. Both versions are
available with an integrated electrical socket enabling the use of additional appliances. The movement sensor
substitutes a door contact switch.
> Slim casing
> Electronic ballast
> Lamp without/with electrical socket
(choice of sockets)
> Magnet fixing (option)
> Energy saving lamp
> Automatic switching
Photo: Slimline lamp with movement sensor and with
integrated electric socket (Germany), Art. No. 02520.0-03
SLIMLINE LAMP WITH MOVEMENT SENSOR
SL 025
TECHNICAL DATA
Power consumption
9 W
Luminosity
510 Lm (equals 45 W light bulb)
Lamp type
energy saving lamp, 2G7 socket
Service life
10,000 h
Switch
PIR movement sensor, approx. 6 min. fixed switch-on duration
Connection
terminal 2.5 mm² with cable clamp, torque 0.8 Nm max.
Mounting
screw fixing, M5, 300 mm centers, magnet fixing (optional)
Casing
plastic according to UL94 V-0, light grey
Dimensions
345 x 91 x 40 mm
Fitting position
narrow surface/broad surface
Operating/Storage temperature
-20 to +50 °C (-4 to +122 °F) / -45 to +70 °C (-49 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type
IP20
The PIR movement sensor switches the lighting on when the enclosure door is opened. The switch-on time is reset with every
further registered movement. The movement sensor does not react to movement on the other side of glass and so can be
used in enclosures with glass doors.
Art. No.
Model
Operating voltage
Socket
Nominal current Weight (approx.)
Protection class
Approvals
02520.0-03
without magnet
AC 230 V, 50/60 Hz
Germany/Russia (1)
16.0 A
0.4 kg
I (earthed)
VDE
-
EAC
02520.1-04
with magnet
AC 230 V, 50/60 Hz
Germany/Russia (1)
16.0 A
0.5 kg
I (earthed)
VDE
-
EAC
02521.0-03
without magnet
AC 230 V, 50/60 Hz
F/PL/CZ/SK (2)
16.0 A
0.4 kg
I (earthed)
VDE
-
EAC
02527.0-04
without magnet
AC 230 V, 50/60 Hz
none
-
0.4 kg
II (double insulated)
VDE
UL File No. E234324
EAC
02527.1-15
with magnet
AC 230 V, 50/60 Hz
none
-
0.5 kg
II (double insulated)
VDE
-
EAC
02527.1-17
with magnet
AC 120 V, 50/60 Hz
none
-
0.5 kg
II (double insulated)
-
UL File No. E234324
EAC
Note: The slimline lamp SL 025 is also available with a 19" front panel.
97
TECHNICAL DATASHEET


Similar Part No. - SL025

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SL0250A FARADAY-SL0250A Datasheet
41Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
SL0250J FARADAY-SL0250J Datasheet
43Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
logo
STEGO Elektrotechnik Gm...
SL025 STEGO-SL025_V01 Datasheet
249Kb / 1P
ENCLOSURE LAMP WITH ENERGY-SAVING BULB
12.10.2022
More results

Similar Description - SL025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25401A ETC1-PS25401A Datasheet
536Kb / 5P
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR
PS25402 ETC1-PS25402 Datasheet
407Kb / 4P
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25405B ETC1-PS25405B Datasheet
611Kb / 5P
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE DATASHEET
PS25451 ETC1-PS25451 Datasheet
290Kb / 5P
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25401A ETC2-PS25401A Datasheet
536Kb / 5P
EPIC Ultra High Impedance Movement Sensor
PS25402 ETC2-PS25402 Datasheet
407Kb / 4P
EPIC Ultra High Impedance Movement Sensor
PS25405B ETC2-PS25405B Datasheet
611Kb / 5P
EPIC Ultra High Impedance Movement Sensor
PS25451 ETC2-PS25451 Datasheet
290Kb / 5P
EPIC Ultra High Impedance Movement Sensor
logo
KISTLER INSTRUMENT CORP...
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
914XBA-SET KISTLER-914XBA-SET Datasheet
841Kb / 5P
Set SlimLine with Integrated, Single-Component SlimLine Shear Force Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com