Electronic Components Datasheet Search
  English  ▼

X  

LCP1521SRL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LCP1521SRL
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521SRL Datasheet(HTML) 5 Page - STMicroelectronics

  LCP1521SRL Datasheet HTML 1Page - STMicroelectronics LCP1521SRL Datasheet HTML 2Page - STMicroelectronics LCP1521SRL Datasheet HTML 3Page - STMicroelectronics LCP1521SRL Datasheet HTML 4Page - STMicroelectronics LCP1521SRL Datasheet HTML 5Page - STMicroelectronics LCP1521SRL Datasheet HTML 6Page - STMicroelectronics LCP1521SRL Datasheet HTML 7Page - STMicroelectronics LCP1521SRL Datasheet HTML 8Page - STMicroelectronics LCP1521SRL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LCP1521S/LCP152DEE
Characteristics
5/11
Figure 3.
Functional Holding Current (IH) test circuit: GO-NO GO test
Figure 4.
Test circuit for VFP and VDGL parameters
Pulse (µs)
Vp
(V)
C1
(µF)
C2
(nF)
L
(µH)
R1
(
Ω)
R2
(
Ω)
R3
(
Ω)
R4
(
Ω)
IPP
(A)
Rs
(
Ω)
tr
tp
10
700
1500
20
200
0
501525253010
1.2
50
1500
1
33
0
761325253010
2
10
2500
10
0
1.1
1.3
0
3
3
38
62
R
VBAT = - 100V
Surge generator
D.U.T
This is a GO-NO GO test which allows to confirm the holding current (I ) level in a functional test circuit.
- Adjust the current level at the I value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current: I
= 10A, 10/1000µs
- The D.U.T. will come back to the off-state within a duration of 50ms max.
H
H
PP
TEST PROCEDURE:
CC
R
R
TIP
RING
GND
VP
4
3
2
R 2
R1
(V is defined in unload condition)
P
L
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com