Electronic Components Datasheet Search
  English  ▼

X  

U07142 Datasheet(PDF) 1 Page - Belden Inc.

Part # U07142
Description  TC-ER XLPE/LSZH, 7 C #14 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

U07142 Datasheet(HTML) 1 Page - Belden Inc.

  U07142 Datasheet HTML 1Page - Belden Inc. U07142 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: U07142
TC-ER XLPE/LSZH, 7 C #14 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER
90C Dry/Wet SUN RES
Product Description
UL Type TC (1277) XLPE/LSZH, 7 Conductor 14AWG (7x22) Bare Copper, XLPE Insulation E2 Color Code, Black LSZH Outer Jacket, 600V TC-ER 90C
Dry/Wet SUN RES
Technical Specifications
Physical Characteristics (Overall)
Conductor
Element
AWG Stranding
Material
No. of Conductors
Conductor(s) 14
7x22
BC - Bare Copper 7
Conductor Count:
7
Insulation
Material
Nominal Diameter Nominal Wall Thickness
XLP, XLPO, XLPE (Thermoset) 0.133 in
0.031 in
Color Chart
Number
Color
1
Black
2
Red
3
Blue
4
Orange
5
Yellow
6
Brown
7
Red/Black
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.530 in
0.067 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
2.52 Ohm/1000ft
Current
Max. Recommended Current [A]
12.5 Amps per Conductor at 30ºC
Voltage
UL Description
UL Voltage Rating
Voltage Rating [V]
TC
600 V RMS (Type TC) 600 V RMS (Type TC)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet


Similar Description - U07142

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TP12018W BELDEN-TP12018W Datasheet
139Kb / 2P
Inst, 1 Pr #12 Str TC, XLPE Ins E1, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
04-14-2023
28143A BELDEN-28143A Datasheet
157Kb / 2P
TC VN/PVC, 7 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A04142R BELDEN-A04142R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
U034A4G BELDEN-U034A4G Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #4/0 Str BC, XLPE Ins M4, 1 #4 Grnd, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES
12-22-2023
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
U03064C BELDEN-U03064C Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #6 Str BC, XLPE Ins, M4, #10 Str BC Grnd, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U03102G BELDEN-U03102G Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #10 Str BC, XLPE Ins E2, 1 #10 Grnd, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
12-22-2023
U03122 BELDEN-U03122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
U04122 BELDEN-U04122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 4 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
A03142Q BELDEN-A03142Q Datasheet
141Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com