Electronic Components Datasheet Search
  English  ▼

X  

PCE-RS2000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-RS2000
Description  Weighbridge PCE-RS 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RS2000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-RS2000 Datasheet HTML 1Page - PCE Instruments. PCE-RS2000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weighbridge PCE-RS 2000
Weighbridge painted steel / platform size 1200 x 1200 mm / upto 2,000 kg /
4 switchingoutputs / 4 ... 20 mA analog output / table or panel mounting
Theweighbridge PCE-RS 2000 is designed for stationary use.The robust construction makes weighbridgethis  particularly well suited
forweighing large objects. The weighbridge is made of painted steel.Weighing data can be easily read thanks to itsexternal display (with 4 m
length cable). Functionsof the weighbridge are a summing function, a piece counting and checkweighing. The weighbridge is delivered with
abi-directional RS-232 interfaceand with optional PC softwarecan show the measured valuesin Excel. The indicator of the weighbridge can be
placed ona table or an optional tripod.
Weighing range: 2,000 kg
Resolution: 0.5 kg
BidirectionalRS-232 interface
Indicatorin stainlesssteel IP 54
LC Display with 25 mm digitheight
Cable tothe display about 5 m (connector)
Summing function
Partscounting function
Checkweighing functionMIN / OK/ MAX
Analog Output 4...20mA optional


Similar Part No. - PCE-RS2000

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-RS27 PCE-PCE-RS27 Datasheet
241Kb / 4P
PCE-RS 27 and PCE-RS 40
More results

Similar Description - PCE-RS2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
2-1419125-3 MACOM-2-1419125-3 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
2-1419146-0 MACOM-2-1419146-0 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com