Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD3000USST Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD3000USST
Description  Weighbridge PCE-SD 3000U SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD3000USST Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD3000USST Datasheet HTML 1Page - PCE Instruments. PCE-SD3000USST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Model
Measurementr
ange
Readability
Calibrationval
ue
Minimumload
*
PCE-SD1500U SST
1,500kg
0.5kg
0.5kg
10kg
PCE-SD3000U SST
3,000kg
1kg
1kg
20kg
*Theminimum load is defined by the load, from which the
calibrationauthority tests the accuracy of the scale. The waterproof steel
scaleshows even lower weights, but these are not valid for custody transfer. 
CalibrationClass
MIII (is calibrated before delivery)
UnitCounter
Countingby reference values
Tarefunction
Multipletaring for the whole measurement range
Interface
OptionalRS-232 / LAN / USB
Descriptionof interface
(please consider IP code)
Display
LEDwith 20 mm digit height
PowerSource
~230V,50Hz, 8VA
ProtectionClass
LoadCells IP 68 / Display IP 65
Operationaltemperature
-10 °C ... + 40 °C
Weight
approx.70 kg
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com