Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD6000ESST Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD6000ESST
Description  Pallet Scale PCE-SD 6000E SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD6000ESST Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD6000ESST Datasheet HTML 1Page - PCE Instruments. PCE-SD6000ESST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Model
Weighing
range
Resoluti
on
Min.*
Dimensions
Weight
PCE-SD 6000E SST
6000 kg
2 kg
40 kg
1500 x 2000 x 112
mm
300 kg
* The minimum load is the load from which the calibration authority checks
the accuracy.The verifiable floor scale also indicates smaller weights, but
these may not be used in legal traffic.
Calibration
calibratable according to class M III (calibrated)
Tare range
multiple tare over the full range
Settling time
<4 s
Display
LED with 20 mm digit height (on the 3 m cable)
Weighing units
kg / piece / lb
Interface
optional bidirectional RS-232, USB, LAN
as well as 4-20 mA, 0-10V, OC
Ramp
optional, see accessories
Operating temperature
-10 °C ... +40 °C
Power supply
~230V 50Hz 8VA  (safety plug)
Protection
IP68 cells / IP65 display
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com