Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD6000F Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD6000F
Description  Weighbridge PCE-SD 6000F
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD6000F Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD6000F Datasheet HTML 1Page - PCE Instruments. PCE-SD6000F Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Model
Weighing
range
Resolutio
n
Min.*
Dimensions
Weight
PCE-SD 6000 F
6,000 kg
2 kg
40 kg 1500 x 1500 mm 210 kg
* The minimum load is the load from which the calibration authority checks
the accuracy.The verifiable floor installation scale also indicates smaller
weights, but these may not be used in legal traffic.
Calibration
calibratable according to class M III (deliveredcalibrated)
Tare
multiple tare over the full weighing area
Settling time
<4 s
Display
LED with 20 mm digit height
Cable length
plugged in 5 m
Weighing units
kg / piece / lb
Interface
bi-directional RS-232
optional USB, LAN, 4-20 mA, 0-10V, OC
Weighing plate
fluted painted steel (unscrewable)
Operating temperature -10 °C ... +40 °C / 14 ... 104 °F
Power supply
~230V 50Hz 8VA  (safety plug)
Protection
cell IP 67 / display IP54
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com