Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD6000FSST Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD6000FSST
Description  Pallet Scale PCE-SD 6000F SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD6000FSST Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD6000FSST Datasheet HTML 1Page - PCE Instruments. PCE-SD6000FSST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Model
Weighing
range
Resolutio
n
Min.*
Dimensions Weight
PCE-SD 6000F SST
6,000 kg
2 kg
40 kg
1500 x 1500 mm
210 kg
* The minimum load is the load from which thecalibration authority
checks the accuracy. The verifiable stainless steelfloor installation scale
also indicates smaller weights, but these may notbe used in legal traffic.
Calibration
calibratable according to class M III(delivered calibrated)
Tare range
multiple tare over the full weighing area
Settling time
<4 s
Display
LED with 20 mm digit height
Cable length
plugged in 5 m
Weighing units
kg / piece / lb
Interface
optional bi-directional RS-232, USB, LAN
Interfacedescription
e.g. 4-20 mA, 0-10V, OC switching contacts
Weighing plate
Smooth stainless steel (unscrewable)
Operating temperature -10 °C ... +40 °C / 14 ... 104 °F
Power supply
~230V 50Hz 8VA  (safety plug)
Protection
cell IP 68 / display IP65
For the installation of the stainless steel installation scale you need the
dimensions of the foundations as well as the frame, which are located
behind the buttons sketch
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com