Electronic Components Datasheet Search
  English  ▼

X  

PCE-SD600SST Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD600SST
Description  Pallet Scale PCE-SD 600 SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD600SST Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD600SST Datasheet HTML 1Page - PCE Instruments. PCE-SD600SST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical Data
Model
Weighing
range
Resolutio
n
Min.*
Weight
Usable area
PCE-SD 600SST
600 kg
0.2 kg
4 kg
250 kg 860 x 1000 mm
*The minimum load is the load from which the calibration authority
checks the accuracy. The verifiable drive-through scale also shows
smaller weights, but these may not be used in legal transactions.
Calibration
calibratable according to class M III (delivered calibrated)
Taring range
over the full weighing range
Settling time
< 3 s
Display
high-contrast LED with 20 mm digit height
Weighing units
kg / pieces / lb
Interface
optional RS-232 / USB / LAN / 4-20 mA / 0-10V
Operating temperature -10 ... +40 °C
Protection class
Cells IP68 / Display IP65 (without connections)
Power supply
~230V, 50Hz, 8VA (Schuko plug)
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com