Electronic Components Datasheet Search
  English  ▼

X  

1534603 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 1534603
Description  Inductive Sensor – With Analog Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1534603 Datasheet(HTML) 1 Page - Turck, Inc.

  1534603 Datasheet HTML 1Page - Turck, Inc. 1534603 Datasheet HTML 2Page - Turck, Inc. 1534603 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
BI10-Q14-LIU-V1141
Inductive Sensor – With Analog Output
Technical data
Type
BI10-Q14-LIU-V1141
ID
1534603
General data
 
Measuring range
3…8  mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Correction factors
St37 = 1; Al = 0.3; stainless steel = 0.7; Ms
= 0.4
Repeatability
≤ 1 % of measuring range |A - B|
0.5 %, after warm-up 0.5 h
Reproducibility
≤ 50  µm
≤ 25 µm, after a warm-up time of 0.5 h
Linearity deviation
≤ 3 %
Temperature drift
≤ ± 0.06 %/K
Electrical data
 
Operating voltage
15…30  VDC
Residual ripple
≤ 10 % U
ss
No-load current
8  mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes
Wire breakage/Reverse polarity protection no / Complete
Output function
4-wire, Analog output
Voltage output
0…10  V
Current output
0…20  mA
Features
■Rectangular, height 14 mm
■Active face on top
■Plastic, PBT‐GF30‐V0
■4‐wire, 15…30 VDC
■Analog output
■0…10 V and 0…20 mA
■M8 x 1 male connector
Wiring diagram
Functional principle
Inductive TURCK sensors with analog output
accomplish simple control tasks. They provide a
current, voltage or frequency signal proportional
to the target's distance. The output signal is
linear to the distance of the target over the
entire sensing range.
 


Similar Part No. - 1534603

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1534601 TURCK-1534601 Datasheet
328Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1534605 TURCK-1534605 Datasheet
974Kb / 2P
Inductive Sensor – With Analog OutputInductive Sensor – With Analog Output
11/07/2023
1534609 TURCK-1534609 Datasheet
215Kb / 2P
Inductive Sensor – For Material Recognition
11/07/2023
More results

Similar Description - 1534603

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
IA6-12GM35-U-V1 PF-IA6-12GM35-U-V1 Datasheet
252Kb / 2P
Inductive analog sensor
IA6-12GM50-IU-V1 PF-IA6-12GM50-IU-V1 Datasheet
286Kb / 2P
Inductive analog sensor
NBN15-30GM60-I3 PF-NBN15-30GM60-I3 Datasheet
130Kb / 1P
Inductive analog sensor
924AB3HM-L2P PF-924AB3HM-L2P Datasheet
128Kb / 1P
Inductive analog sensor
NBB5-18GM60-I PF-NBB5-18GM60-I Datasheet
238Kb / 2P
Inductive analog sensor
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
Inductive analog sensor
NBN15-30GM60-I3-5M PF-NBN15-30GM60-I3-5M Datasheet
795Kb / 2P
Inductive analog sensor
2022-06-30
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com