Electronic Components Datasheet Search
  English  ▼

X  

PCF1252-4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF1252-4
Description  Threshold detector and reset generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1252-4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF1252-4 Datasheet HTML 2Page - NXP Semiconductors PCF1252-4 Datasheet HTML 3Page - NXP Semiconductors PCF1252-4 Datasheet HTML 4Page - NXP Semiconductors PCF1252-4 Datasheet HTML 5Page - NXP Semiconductors PCF1252-4 Datasheet HTML 6Page - NXP Semiconductors PCF1252-4 Datasheet HTML 7Page - NXP Semiconductors PCF1252-4 Datasheet HTML 8Page - NXP Semiconductors PCF1252-4 Datasheet HTML 9Page - NXP Semiconductors PCF1252-4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Apr 16
6
Philips Semiconductors
Product specification
Threshold detector and reset generator
PCF1252-X family
Fig.3 Timing diagram.
handbook, full pagewidth
supply voltage
typ. = 0.6 V
undefined
output
undefined
output
POWF
reset
tR
tS
tR
reset
0 V
MGC917
0 V
0 V
VDD
Vhys
VTRIP
RESET
(SELECT = VSS)
tR = reset time (duration of reset pulse).
tS = save time (time between assertion of POWF and assertion of the reset output). This time can be used for storing of critical data and orderly system
shut-down.
Vhys = hysteresis voltage (prevents oscillation around VTRIP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com