Electronic Components Datasheet Search
  English  ▼

X  

PCF50732H Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF50732H
Description  Baseband and audio interface for GSM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50732H Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF50732H Datasheet HTML 42Page - NXP Semiconductors PCF50732H Datasheet HTML 43Page - NXP Semiconductors PCF50732H Datasheet HTML 44Page - NXP Semiconductors PCF50732H Datasheet HTML 45Page - NXP Semiconductors PCF50732H Datasheet HTML 46Page - NXP Semiconductors PCF50732H Datasheet HTML 47Page - NXP Semiconductors PCF50732H Datasheet HTML 48Page - NXP Semiconductors PCF50732H Datasheet HTML 49Page - NXP Semiconductors PCF50732H Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
1999 May 03
46
Philips Semiconductors
Objective specification
Baseband and audio interface for GSM
PCF50732
18 FUNCTIONAL CHARACTERISTICS
18.1
Baseband transmit (BSI to TXI/Q)
VDDA = 2.5 to 2.75 V; Tamb = −40 to +85 °C.
Notes
1. Measured at full-scale; load: 10 pF // 10 k
Ω; f = 67 kHz.
2. Not tested. Defined between the rising edge of BIOCLK which latches a data bit at BDIO to its corresponding
maximum phase change on the analog outputs ITX and QTX.
3. Not tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
RESTXIQ
resolution of TX DACs
−
10
−
bit
S/NTXIQ
signal-to-noise TX DACs
−
55
−
dB
FSINTXIQ
input sampling frequency
−
270.833
−
kHz
VO(TXIQ)(p-p)
output signal amplitude (peak-to-peak
value)
note 1
0.9
1.0
1.1
V
VDC(TXIQ)
output DC level
1.15
1.25
1.35
V
AMATTXIQ
output amplitude matching between
I and Q TX paths
note 1
−1.75 −
+1.75
%
−0.15 −
+0.15
dB
VOFSTXIQ
differential DC offset voltage between
IP/IN or QP/QN
note 1
−4.5
−
+4.5
mV
FRESPTXIQ
frequency response of random output
signal
f = 0 to 100 kHz
−3
−−
dB
f = 200 kHz
−−
−30
dB
f = 250 kHz
−−
−33
dB
f = 400 kHz
−−
−60
dB
f = 600 kHz
−−
−70
dB
f = 1200 kHz
−−
−70
dB
f > 1800 kHz
−−
−70
dB
MPEITXIQ
maximum phase effect instance
note 2
−
22
−µs
AGDTXIQ
absolute group delay
note 1
−
10
−µs
GDLTXIQ
group delay linearity
measured at full-scale;
10 kHz < f < 100 kHz;
load: 10 pF // 10 k
Ω
−
100
−
ns
GDMATTXIQ
group delay matching of I and Q TX paths
−−
40
ns
PMATTXIQ
phase matching of I and Q TX paths
note 1
−
0.5
−
deg
PTERMSTXIQ
RMS phase trajectory error
random input pattern;
notes 1 and 3
−
0.5
0.8
deg
PTEPEAKTXIQ peak phase trajectory error
−
1.5
3.0
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com