Electronic Components Datasheet Search
  English  ▼

X  

KB844AB Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KB844AB
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB844AB Datasheet(HTML) 3 Page - Kingbright Corporation

  KB844AB Datasheet HTML 1Page - Kingbright Corporation KB844AB Datasheet HTML 2Page - Kingbright Corporation KB844AB Datasheet HTML 3Page - Kingbright Corporation KB844AB Datasheet HTML 4Page - Kingbright Corporation KB844AB Datasheet HTML 5Page - Kingbright Corporation KB844AB Datasheet HTML 6Page - Kingbright Corporation KB844AB Datasheet HTML 7Page - Kingbright Corporation KB844AB Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PHOTOCOUPLER
KB844
SPEC NO: DSAD1536
REV NO: V.5
DATE: MAR/14/2005
PAGE: 3 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: S.H.CHEN
ERP:1205000023
Transfer
charact-
eristics
Response time
Rise time
Fall time
t
VCE=2V, IC=2mA
RL=100
è
3
18
4
18
ô
ô
Forward voltage
* Electro-optical Characteristics
Current transfer ratio
Peak forward voltage
Collector dark current
Collector-emitter saturation voltage
Input
Output
IFM =²0.5A
3.0
VFM
VCE(sat)
CTR
ICEO
IF=²20mA, IC=1mA
IF=²1mA, VCE=5V
0.1
0.2
20
300
VCE=20V,IF=0mA
-7
10
Parameter
VF
Symbol
IF=²20mA
Conditions
1.2
1.4
Typ.
Min.
Max.
V
V
%
A
V
Unit
t
f
r
Classification table of current transfer ratio is shown below.
X 100%
CTR=
Ic
F
I
Model NO.
Rank mark
CTR(%)
KB844L
L
20~60
KB844A
A
50~150
KB844B
B
120~300
KB844LA
L or A
20~150
KB844AB
A or B
50~300
KB844
L,A,B or No mark
20~300
(Ta=25 C)
±



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com