Electronic Components Datasheet Search
  English  ▼

X  

33972 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33972
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33972 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33972
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
WAKE-UP (WAKE)
The WAKE pin is an open-drain output and a wake-up
input. The pin is designed to control a power supply Enable
pin. In the Normal mode, the WAKE pin is LOW. In the Sleep
mode, the WAKE pin is HIGH. The WAKE pin has a pullup to
the internal +5.0 V supply.
In Sleep mode with the WAKE pin HIGH, falling edge of
WAKE
will place the 33972 in Normal mode. In Sleep mode
with VDD applied, the INT pin must be HIGH for negative edge
of WAKE to wake up the device. If VDD is not applied to the
device in Sleep mode, INT does not affect WAKE operation.
BATTERY INPUT (VPWR)
The VPWR pin is battery input and Power-ON Reset to the
33972 IC. The VPWR pin requires external reverse battery
and transient protection. Maximum input voltage on VPWR is
50 V. All wetting, sustain, and internal logic current is
provided from the VPWR pin.
VOLTAGE DRAIN SUPPLY (VDD)
The VDD input pin is used to determine logic levels on the
microprocessor interface (SPI) pins. Current from VDD is
used to drive SO output and the pullup current for CS and INT
pins. VDD must be applied for wake-up from negative edge of
CS
or INT.
GROUND (GND)
The GND pin provides ground for the IC as well as ground
for inputs programmed as switch-to-battery inputs.
PROGRAMMABLE SWITCHES (SP0:SP7)
The 33972 device has 8 switch inputs capable of being
programmed to read switch-to-ground or switch-to-battery
contacts. The input is compared with a 4.0 V reference.
When programmed to be switch-to-battery, voltages greater
than 4.0 V are considered closed. Voltages less than 4.0 V
are considered open. The opposite holds true when inputs
are programmed as switch-to-ground. Programming features
are defined in Table 6 through Table 11 in the functional
Device Operation section of this datasheet beginning on
page 12. Voltages greater than the VPWR supply voltage will
source current through the SP inputs to the VPWR pin.
Transient battery voltages greater than 38/40 V must be
clamped by an external device.
SWITCH-TO-GROUND INPUTS (SG0:SG13)
The SGn pins are switch-to-ground inputs only. The input
is compared with a 4.0 V reference. Voltages greater than
4.0 V are considered open. Voltages less than 4.0 V are
considered closed. Programming features are defined in
Table 6 through Table 11 in the functional Device Operation
section of this datasheet beginning on page 12. Voltages
greater than the VPWR supply voltage will source current
through the SG inputs to the VPWR pin. Transient battery
voltages greater than 40 V must be clamped by an external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com