Electronic Components Datasheet Search
  English  ▼

X  

PCF84C00B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF84C00B
Description  8-bit microcontroller with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C00B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF84C00B Datasheet HTML 6Page - NXP Semiconductors PCF84C00B Datasheet HTML 7Page - NXP Semiconductors PCF84C00B Datasheet HTML 8Page - NXP Semiconductors PCF84C00B Datasheet HTML 9Page - NXP Semiconductors PCF84C00B Datasheet HTML 10Page - NXP Semiconductors PCF84C00B Datasheet HTML 11Page - NXP Semiconductors PCF84C00B Datasheet HTML 12Page - NXP Semiconductors PCF84C00B Datasheet HTML 13Page - NXP Semiconductors PCF84C00B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Nov 25
10
Philips Semiconductors
Product specification
8-bit microcontroller with I2C-bus interface
PCF84C00
8
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices. See
“Data Handbook IC14 Section: Handling MOS devices”.
9
DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; Tamb = −40 to +85 °C; all voltages with respect to VSS; unless otherwise specified.
Notes
1. VIL =VSS; VIH =VDD; open drain outputs connected to VSS; all other outputs, including XTAL2, open (typical values
at 25
°C with crystal connected between XTAL1 and XTAL2).
2. VIL =VSS; VIH =VDD; RESET and T1 at VSS; INT/T0 at VDD; crystal connected between XTAL1 and XTAL2; open
drain outputs connected to VSS; all other outputs open.
Tamb
operating ambient temperature range
Ptot(max) = 100 mW
−40
+70
°C
Ptot(max) =30mW
−40
+85
°C
Tj
operating junction temperature
−
90
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
operating supply voltage
see Fig.6
2.5
−
5.5
V
IDD
operating supply current
note 1; see Fig.7
VDD =5V; fxtal =10MHz
−
1.6
3.2
mA
VDD =5V; fxtal = 6 MHz
−
12
mA
VDD =3V; fxtal = 3.58 MHz
−
0.3
0.6
mA
IDD(idle)
supply current (Idle mode)
note 1; see Fig.8
VDD =5V; fxtal =10MHz
−
0.8
1.6
mA
VDD =5V; fxtal = 6 MHz
−
0.5
1
mA
VDD =3V; fxtal = 3.58 MHz
−
0.15
0.4
mA
IDD(stp)
supply current (Stop mode)
notes 1 and 2; see Fig.9
VDD = 2.5 V; Tamb =25 °C
−
1.2
2.5
µA
VDD = 2.5 V; Tamb =85 °C
−−
10
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
ILI
input leakage current
VSS < VI < VDD
−1
−
+1
µA
Outputs
IOL
LOW level output sink
current
VDD =5V ±10%; VO = 0.4 V (except
P2.3/SDA, SCLK and Port 1); see Fig.10
1.6
3
−
mA
P2.3/SDA, SCLK; see Figs 11 and 12
3
−−
mA
IOH
HIGH level pull-up output
source current
VDD =5V ±10%; VO = 0.7VDD
−40
−−
µA
VDD =5V ±10%; VO =Vss
−−
−400
µA
IOH
HIGH level push-pull output
source current
VDD =5V ±10%; VO =VDD − 0.4 V;
see Fig.13
−1.6
−3
−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com