Electronic Components Datasheet Search
  English  ▼

X  

1636320 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 1636320
Description  Inductive Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1636320 Datasheet(HTML) 2 Page - Turck, Inc.

  1636320 Datasheet HTML 1Page - Turck, Inc. 1636320 Datasheet HTML 2Page - Turck, Inc. 1636320 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
Switching frequency
2 kHz
Mechanical data
 
Design
Threaded barrel, M30 x 1.5
Dimensions
64  mm
Housing material
Stainless steel, 1.4301 (AISI 304)
Active area material
Plastic, LCP
End cap
Plastic, EPTR
Max. tightening torque of housing nut
75 Nm
Electrical connection
Cable
Cable quality
Ø 5.2 mm, LifYY, PVC, 2  m
Core cross-section
3 x 0.34  mm2
Environmental conditions
 
Ambient temperature
-30…+85  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP68
MTTF
874  years acc. to SN 29500 (Ed. 99) 40
°C
Switching state
LED, Yellow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com