Electronic Components Datasheet Search
  English  ▼

X  

PI3CH800 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3CH800
Description  LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH800 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3CH800 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8723C
05/08/06
PI3CH800
Low Voltage, 5Ω, 8-Channel
2-Port NanoSwitch™
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
Notes:
1. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
2.0
pF
COFF
A/B Capacitance, Switch Off
3.5
CON
A/B Capacitance, Switch On
7.0
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current VCC = 3.6V, VIN = GND or VCC
0.8
mA
Dynamic Electrical Characteristics Over the Operating Range (TA = –40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Units
XTALK
Crosstalk
10 MHz
–60
dB
OIRR
Off-Isolation
10 MHz
–60
BW
–3dB Bandwidth
See Test Diagram
200
500
MHz
06-0235



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com