Electronic Components Datasheet Search
  English  ▼

X  

162721 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 162721
Description  Filter regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

162721 Datasheet(HTML) 1 Page - Festo Corporation.

  162721 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Filter regulator
LFR-3/8-D-5M-MIDI
Part number: 162721
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Grade of filtration
5 µm
Condensate drain
Manually rotating
Structural design
Filter regulator with pressure gauge
Max. condensate volume
43 ml
Bowl guard
Metal bowl guard
Symbol
00991585
Pressure gauge
with pressure gauge
Operating pressure
1 bar ... 16 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.2 bar
Standard nominal flow rate
2400 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:9:-]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [6:8:4]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
900 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Note on materials
RoHS-compliant
Housing material
Die-cast zinc
Material of bowl
PC
3/6/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 162721

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1627210000 WEIDMULLER-1627210000 Datasheet
517Kb / 7P
SLS 5.08/14/180 SN OR BX
logo
PHOENIX CONTACT
1627217 PHOENIX-1627217 Datasheet
239Kb / 5P
ST-Z0077 - Metal protective cap
1627218 PHOENIX-1627218 Datasheet
241Kb / 5P
SM-Z0077 - Metal protective cap
More results

Similar Description - 162721

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529151 FESTO-529151 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529158 FESTO-529158 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529159 FESTO-529159 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529162 FESTO-529162 Datasheet
89Kb / 2P
Filter regulator
2/10/22
529172 FESTO-529172 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529174 FESTO-529174 Datasheet
88Kb / 2P
Filter regulator
2/10/22
535720 FESTO-535720 Datasheet
87Kb / 2P
Filter regulator
2/10/22
529191 FESTO-529191 Datasheet
87Kb / 2P
Filter regulator
2/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com