Electronic Components Datasheet Search
  English  ▼

X  

M1020 Datasheet(PDF) 4 Page - Enercon Technologies Europe AG

Part # M1020
Description  TVS DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1020 Datasheet(HTML) 4 Page - Enercon Technologies Europe AG

  M1020 Datasheet HTML 1Page - Enercon Technologies Europe AG M1020 Datasheet HTML 2Page - Enercon Technologies Europe AG M1020 Datasheet HTML 3Page - Enercon Technologies Europe AG M1020 Datasheet HTML 4Page - Enercon Technologies Europe AG M1020 Datasheet HTML 5Page - Enercon Technologies Europe AG M1020 Datasheet HTML 6Page - Enercon Technologies Europe AG M1020 Datasheet HTML 7Page - Enercon Technologies Europe AG M1020 Datasheet HTML 8Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Oct 18, 2021
|
Rev c
|
Doc: DS_M1020 Series
M1020 TVS DIODES
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Typical test results
Connector
CH1 yellow trace = TVS voltage during surge test
CH2 pink trace = TVS current
V clamp = 460V@60A spike



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com