Electronic Components Datasheet Search
  English  ▼

X  

M186 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M186
Description  THREE-PHASE AC/DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M186 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M186 Datasheet HTML 1Page - Enercon Technologies Europe AG M186 Datasheet HTML 2Page - Enercon Technologies Europe AG M186 Datasheet HTML 3Page - Enercon Technologies Europe AG M186 Datasheet HTML 4Page - Enercon Technologies Europe AG M186 Datasheet HTML 5Page - Enercon Technologies Europe AG M186 Datasheet HTML 6Page - Enercon Technologies Europe AG M186 Datasheet HTML 7Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Oct 20, 2022
|
Rev (k)
|
Doc: DS_M186 Series
M186 SERIES THREE-PHASE AC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military Power Supply (Airborne, ground-fix, shipboard), Ruggedized, Telecom, Industrial Power Supply
Special Features
• Miniature size
• High efficiency
• Wide input range
• High density: up to 30.5 W/in³
• Input / Output isolation
• Limited Inrush Current
• Remote Inhibit (On/Off)
• Fixed switching freq. (400 kHz)
• EMI filters included
• Cos φ > 0.92 from 75% load
• Non-latching protections:
o Output overload
o Output short-circuit
o Output over-voltage
o Over temperature
Electrical Specifications
Normal Input Voltage
AC variant voltage range:
115  10% VAC,L-N,
400 Hz, 3-Phase
Optional for 50/60Hz Input
frequency: Please consult factory
for details.
DC Output:
Voltage range: 5 to 60 VDC
Current range: 0 to 80 A
Power range: 0 to 2 000 W
Isolation
Input to Output: 500 VDC
Input to Case: 500 VDC
Output to Case: 100 VDC
Line/Load regulation
Up to ±1% (no load to full load,
–55 C to +85 C and over input
voltage range).
Efficiency
90% - Typical (nominal line
voltage, 28 VDC output, full load,
standard room temperature)
EMC
Designed to meet MIL-STD-
461F**:
CE102, CS101, CS114, CS115,
CS116, RE102, RS101, RS103
Ripple and Noise
100 to 150 mVp-p, typical (max. 1%
of nominal voltage) measured
across a 1μF ceramic capacitor.
Transient Over-and-undershoot
Voltage change less than 10% of
nominal value for load step from
50% to 100%. Return to
regulation in under 1 ms.
Turn on Transient
No Voltage overshoot during turn
on.
Protections *
Input
• Inrush Current Limiter
Up to 6 times the maximum
input current for less than 50 µs.
Output
• Over-voltage Protection
Passive transorb on output,
120% ± 10% of nominal voltage.
• Current limiting
Continuous protection (10 to
30% above maximum current)
for unlimited time.
General
• Over temperature protection
Shutdown at baseplate
temperature of +105 C  5 C.
Automatic recovery at base
plate temperature lower than
+95 C  5 C.
* Thresholds and protections can be modified / removed – please consult factory.
** Depending on configuration, an external filter may be required to comply with EMI requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com