Electronic Components Datasheet Search
  English  ▼

X  

M1965 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # M1965
Description  TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W 1-PHASE AC TO DC POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M1965 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  M1965 Datasheet HTML 1Page - Enercon Technologies Europe AG M1965 Datasheet HTML 2Page - Enercon Technologies Europe AG M1965 Datasheet HTML 3Page - Enercon Technologies Europe AG M1965 Datasheet HTML 4Page - Enercon Technologies Europe AG M1965 Datasheet HTML 5Page - Enercon Technologies Europe AG M1965 Datasheet HTML 6Page - Enercon Technologies Europe AG M1965 Datasheet HTML 7Page - Enercon Technologies Europe AG M1965 Datasheet HTML 8Page - Enercon Technologies Europe AG M1965 Datasheet HTML 9Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
Feb 28, 2022
|
Rev (c)
|
Doc: DS_M1965 Series
M1965 Series– AC/DC Power Supply
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
M1965 SERIES
TRIPLE-OUTPUTS OR SINGLE OUTPUTS, 130W
1-PHASE AC TO DC POWER SUPPLY
The M1965 is a series of mechanically robust, base plate cooled, high
performance, 130W triple or single output AC to DC power supplies, for
Navy shipboard, Airborne, and ground applications.
The M1965 converts 85VAC – 265VAC, 50/060/400Hz, to three or one well-
regulated, filtered and protected DC Outputs.
The product meet MIL-STD requirements (specified herein).


Similar Part No. - M1965

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M1963 ENERCON-M1963 Datasheet
958Kb / 9P
1-PHASE AC/DC POWER SUPPLY
Aug 10, 2021
logo
PETERMANN-TECHNIK
M1967 PETERMANN-M1967 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
List of Unclassifed Man...
M1967M ETC-M1967M Datasheet
81Kb / 6P
SAW Components Data Sheet M 1967 M
More results

Similar Description - M1965

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
MPE-FT40-02 BOSER-MPE-FT40-02 Datasheet
62Kb / 1P
40W Triple Outputs AC-DC Open Frame Power Supply
logo
Wall Industries,Inc.
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
logo
Tumbler Technologies + ...
TSA130 TRUMPOWER-TSA130 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
logo
Vicor Corporation
PB1002PFCDC VICOR-PB1002PFCDC Datasheet
88Kb / 3P
Power Supply Dual Input: AC and DC 1 or 2 Outputs
PB1004PFC VICOR-PB1004PFC Datasheet
101Kb / 3P
AC/DC Power Supply 4 Outputs, 1000W
PB1005AC VICOR-PB1005AC Datasheet
341Kb / 4P
AC/DC Power Supply Up to 5 Outputs 1000W
PB3606PFC VICOR-PB3606PFC Datasheet
297Kb / 3P
AC/DC Power Supply 1phase or 3phase AC input 6 Main Outputs, 3,600W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com