Electronic Components Datasheet Search
  English  ▼

X  

M641 Datasheet(PDF) 4 Page - Enercon Technologies Europe AG

Part # M641
Description  DC/DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M641 Datasheet(HTML) 4 Page - Enercon Technologies Europe AG

  M641 Datasheet HTML 1Page - Enercon Technologies Europe AG M641 Datasheet HTML 2Page - Enercon Technologies Europe AG M641 Datasheet HTML 3Page - Enercon Technologies Europe AG M641 Datasheet HTML 4Page - Enercon Technologies Europe AG M641 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Nov 2, 2021
|
Rev g
|
Doc: DS_M641 Series
M641 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
SELECTION GUIDE
Model
Input
Output
#1
Output
#2
Output
#3
Output
#4
Output
#5
Output
#6
Output
#7
Output
#8
Output
9
M641-1
18 to 70
VDC
+5V/5A
+16.5V/1A
+15V/2A
-15V/2A
+18V/0.7A
-18V/0.7A
+30V/1A
+45V/0.6A
-45V/0.6A
Note: other voltages and currents are available, consult factory.
PIN ASSIGNMENT (Upper Panel Connector)
Models
Regulation
Ripple
(20MHz BW)
All
 1%
50 mVp-p
PIN
No.
PIN
Function
1
+ OUT 1
2
- OUT 1
3
- OUT 2
4
+ OUT 2
5
+ OUT 9
6
+ OUT 8
7
- OUT 8
8
- OUT 5
9
+ OUT 6
10
- OUT 4
PIN
No.
PIN
Function
11
+ OUT 4
12
+ OUT 3
13
- OUT 3
14
+ VIN
15
+ VIN
16
+ VIN
17
- VIN
18
- VIN
19
- VIN
20
+ OUT 1
PIN
No.
PIN
Function
PIN
No.
PIN
Function
21
- OUT 1
31
- SIGNAL
22
OUT 1 - SENSE
32
+ VIN
23
OUT 1 +SENSE
33
+ VIN
24
- OUT 9
34
+ VIN
25
+ OUT 7
35
- VIN
26
+ OUT 5
36
- VIN
27
- OUT 6
37
- VIN
28
- OUT 7
29
INHIBIT
30
SYN INPUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com