Electronic Components Datasheet Search
  English  ▼

X  

M712 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M712
Description  DC/DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M712 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M712 Datasheet HTML 1Page - Enercon Technologies Europe AG M712 Datasheet HTML 2Page - Enercon Technologies Europe AG M712 Datasheet HTML 3Page - Enercon Technologies Europe AG M712 Datasheet HTML 4Page - Enercon Technologies Europe AG M712 Datasheet HTML 5Page - Enercon Technologies Europe AG M712 Datasheet HTML 6Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Jun 11, 2023
|
Rev (l)
|
Doc: DS_M712 Series
M712 SERIES DC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military, Ruggedized, Telecom, Industrial Power Supply
Special Features
• Miniature size
• High efficiency
• Wide input range
• Up to 9.9 W/in³
• Input / Output isolation
• Fixed switching frequency (250 kHz)
• TTL logic enable
• EMI filters included
• Indefinite short-circuit protection
with auto-recovery
• Input over-voltage shutdown
with auto-recovery
• Over-temperature shutdown
with auto-recovery
Environmental Conditions
Designed to meet MIL-STD-810D
Temperature:
Operating: –55 C to +85 C (at baseplate)
Storage:
–55 C to +125 C
Reliability
150,000 hours, calculated IAW MIL-HDBK-217F
Notice 2 at +85 C baseplate, Ground Fix
conditions.
Electrical Specifications
DC INPUT
DC Input range: 18 to 48 VDC Input transient
protection:
All models meet or exceed (no damage)
MIL-STD-1275A (100 V for 50 ms) and
MIL-STD-704A, MIL-STD-704D (80 V for 0.1 s)
Over-voltage shutdown with auto-recovery Efficiency: Up
to 82%
EMC:
Designed to meet MIL-STD-461F*
CE101, CE102, CS101, CS114, CS115, CS116, RE101, RE102,
RS101, RS103
Isolation:
Input to Output: 200 VDC Input to Case:
200 VDC
DC OUTPUT (floating)
Line/Load regulation:
Less than 2% (no load to full load, –55 C to
+85 C)
Ripple and Noise: 50 mVp-p, typical (max. 1%) Current
limiting (Hiccup):
Continuous protection for unlimited time Over-voltage
protection:
Passive transorb on output.
Over-temperature protection:
Shutdown if baseplate temperature rises above
+100 C  5 C. Automatic recovery when baseplate cools down
to below +90 C  5 C.
Isolation:
Output to Case: 100 VDC
*EMC compliance when tested with 5 H LISNs, shielded harness
and static resistive load



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com