Electronic Components Datasheet Search
  English  ▼

X  

QS30LD Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # QS30LD
Description  WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

QS30LD Datasheet(HTML) 4 Page - Banner Engineering Corp.

  QS30LD Datasheet HTML 1Page - Banner Engineering Corp. QS30LD Datasheet HTML 2Page - Banner Engineering Corp. QS30LD Datasheet HTML 3Page - Banner Engineering Corp. QS30LD Datasheet HTML 4Page - Banner Engineering Corp. QS30LD Datasheet HTML 5Page - Banner Engineering Corp. QS30LD Datasheet HTML 6Page - Banner Engineering Corp. QS30LD Datasheet HTML 7Page - Banner Engineering Corp. QS30LD Datasheet HTML 8Page - Banner Engineering Corp. QS30LD Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dynamic TEACH and Adaptive Thresholds
•
Teach on-the-fly
•
Sets a single switching threshold (switching point)
•
Threshold position is adjustable using “+” and “-” buttons (Manual
Adjust)
•
Recommended for applications where a machine or process may not
be stopped for teaching.
Dynamic TEACH is a variation of two-point TEACH. It programs the sensor
during actual machine run conditions, taking multiple samples of the light
and dark conditions and automatically setting the threshold at the optimum
level.
Dynamic TEACH activates the sensor’s adaptive threshold system, which
continuously tracks minimum and maximum signal levels, and automatically
maintains centering of the threshold between the light and dark conditions.
The adaptive threshold system remains in effect during Run mode. The
adaptive routine saves to non-volatile memory at least once per hour.
Sensor positions
threshold midway
between taught conditions
Darkest
(no signal)
Most Light
(saturated
signal)
Output OFF
Output ON
Darkest Taught
Condition
Lightest Taught
Condition
Position
adjusted by
Manual Adjust
When Dynamic TEACH mode is used, the output ON state (Light or Dark Operate) will remain as it was last programmed.
To change the output ON state, use Setup Mode.
The sensing threshold may be adjusted (fine-tuned) whenever the sensor is in RUN mode by clicking the “+” and “-”
buttons. However, when a manual adjustment is made, the adaptive threshold system is disabled (cancelled).
Bar Graph LED (Following TEACH)
Relative Signal Difference/Recommendation
6 to 8
Excellent: Very stable operation.
4 to 5
Good: Minor variables will not affect sensing reliability.
2 to 3
Low: Minor sensing variables may affect sensing reliability.
1
Unreliable: Consider an alternate sensing scheme.
Push Button
Remote Line
Result
Access Dynamic
TEACH Mode
Press and hold Dynamic (+)
push button for more than 2
seconds
Hold the remote line low (to
ground) for more than 2
seconds
Power LED: OFF
Output LED: OFF
Bar graph: #7 and 8 flash
TEACH Sensing
Conditions
Continue to hold push button
(+) and present the Output ON
and OFF conditions
Continue to hold remote line
low (to ground) and present
the Output ON and OFF
conditions
Power LED: OFF
Output LED: OFF
Bar graph: #7 and 8 flash
Return to Run
Mode
Release push button (+)
Release the remote line/
switch
TEACH Accepted
Power LED: ON
Bar graph: One LED flashes to show relative
contrast (good signal difference shown; see table
above)
Sensor returns to RUN mode with new settings
TEACH Unacceptable
Power LED: OFF
Bar graph: #1, 3 and 6, 8 flash to show failure
Sensor returns to RUN mode without changing
settings
WORLD-BEAM® QS30 Diffuse-Mode Laser Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 109027 Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com