Electronic Components Datasheet Search
  English  ▼

X  

LTC6078 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6078
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6078 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6078 Datasheet HTML 2Page - Linear Technology LTC6078 Datasheet HTML 3Page - Linear Technology LTC6078 Datasheet HTML 4Page - Linear Technology LTC6078 Datasheet HTML 5Page - Linear Technology LTC6078 Datasheet HTML 6Page - Linear Technology LTC6078 Datasheet HTML 7Page - Linear Technology LTC6078 Datasheet HTML 8Page - Linear Technology LTC6078 Datasheet HTML 9Page - Linear Technology LTC6078 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC6078/LTC6079
6
60789fa
14
12
10
6
8
4
2
0
60789 G01
–11
7
–9 –7 –5
1
5
9
–3 –1
3
VOS (µV)
LTC6078MS8
VS = 3V
VCM = 0.5V
TA = 25°C
TIME (5s/DIV)
60789 G09
VS = 5V
VCM = 0.5V
VCM (V)
0
400
300
200
100
–0
–100
–200
–300
–400
4
1
2
3
5
60789 G07
VS = 5V
TA = 125°C
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
1
100
1k
100k
60789 G08
10
10k
VS = 5V
VCM = 0.5V
VS = 3V
VCM = 0.5V
TEMPERATURE (
°C)
0
180
160
140
100
120
20
40
60
80
0
100
60789 G05
25
50
75
125
VS = 5V
VCM = 2.5V
VCM (V)
0
30
24
18
12
6
–0
–6
–12
–18
–24
–30
4
1
2
3
5
60789 G06
VS = 5V
TA = 70°C
TA = 85°C
µV/°C
50
45
40
30
35
25
20
15
10
5
0
60789 G04
–0.8
0.6
–0.6 –0.4
0
0.4
0.8
–0.2
0.2
LTC6078MS8
VS = 3V
VCM = 0.5V
TA = –40°C TO 125°C
VCM (V)
0
1.5
2.5
60789 G03
0.5 1.0
2.0
3.5
4.5
4.0
100
40
20
80
60
0
–20
–100
–40
–60
–80
5.0
3.0
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
VCM (V)
0
1.5
2.5
60789 G02
0.5
1.0
2.0
40
30
20
10
0
–10
–20
–30
–40
3.0
VS = 3V
TA = 25°C
REPRESENTATIVE PARTS
VOS Drift Distribution
Input Bias vs Temperature
Input Bias vs VCM
Input Bias vs VCM
Voltage Noise Spectrum
0.1Hz to 10Hz Output Voltage
Noise
VOS Distribution
VOS vs VCM
VOS vs VCM
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com