Electronic Components Datasheet Search
  English  ▼

X  

LIS3L02AS5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS3L02AS5
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS3L02AS5 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 13Page - STMicroelectronics LIS3L02AS5 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4 Application hints
LIS3L02AS5
10/14
4
Application hints
Figure 3.
LIS3L02AS5 Electrical Connection
Power supply decoupling capacitors (100nF ceramic or polyester + 10
µF Aluminum) should be
placed as near as possible to the device (common design practice).
The LIS3L02AS5 allows to band limit Voutx, Vouty and Voutz through the use of external
capacitors. The re-commended frequency range spans from DC up to 1.5 KHz. In particular,
capacitors must be added at output pins to implement low-pass filtering for antialiasing and
noise reduction. The equation for the cut-off frequency (ft) of the external filters is:
Taking in account that the internal filtering resistor (Rout) has a nominal value equal to 110kΩ,
the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of
±20% within its nominal value of
110k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 320pF for
Cload(x, y, z) is required in any case.
Vout Z
100nF
Cload z
LIS3L02AS5
10
µF
Vdd
Vout X
GND
ST
GND
GND
Cload x
Cload y
(top view)
Optional
Optional
Vout Y
Optional
PD
FS
Digital signals
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
13
Z
X
GND
f
t
1
2
π
R
out
C
load
xyz
,,
(
)
⋅⋅
------------------------------------------------------------------
=
f
t
1.45
µF
C
load
xyz
,,
()
------------------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com