Electronic Components Datasheet Search
  English  ▼

X  

303 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 303
Description  IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

303 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  303 Datasheet HTML 1Page - Enercon Technologies Europe AG 303 Datasheet HTML 2Page - Enercon Technologies Europe AG 303 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
October 24, 2021 | rev. -A
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
MILTECH303, MIL-STD Rugged USB
Hub
1-303-001
•
Dimensions: 89.8mm(L) x 70.2mm(W) x 21.2mm(H), Not including connector Dust Caps
•
Weight: 169g - including dust caps
PHYSICAL
•
Portable, 4 screws for mounting to any flat surface
INSTALLATION
•
No Moving Parts. Passive Cooling
COOLING
•
Operational: -40ºC to +85ºC (-40ºF to +185ºF) - Cold Start-Up
•
Storage: -45ºC to +85ºC (-49ºF to +185ºF)
TEMPERATURE
Techaya P.O.Box 1500, Pardes-Hanna, 37100 Israel Phone: +972 (4) 6377741 Fax: +972 (4) 6377761
Email: info@techaya.com Web: www.techaya.com
3
PRODUCT DATASHEET rev. 3
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
MILTECH303, MIL-STD Rugged USB 3.1 Hub
1-303-000
•
Dimensions: 93.8mm(L) x 72.3mm(W) x 21.7mm(H), Not including connector Dust Caps
•
Dimensions: 3.7” (L) x 2.8” (W) x 0.85” (H), Not including connector Dust Caps
•
Weight: 159g - including dust caps
PHYSICAL
•
Portable, 4 screws for mounting to any flat surface
INSTALLATION
•
No Moving Parts. Passive Cooling
COOLING
•
Operational: -40ºC to +85ºC (-40ºF to +185ºF) - Cold Start-Up
•
Storage: -45ºC to +85ºC (-49ºF to +185ºF)
TEMPERATURE
MILTECH™ 303
IP 68 Military Rugged USB 3.1 Gen1 advanced featured Smart HUB
22.3
38.7
55.1
71.5
47.5
GK0WCM-P12UM00-000L
ODU
(WITHOUT PLASTIC COVER)
COG
83.6
93.8
47.5
INDICATORS
PANEL
COG
COG
GK0WAM-P12UM00-000L (x7)
ODU
(WITHOUT PLASTIC COVER)
77.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.(4.2mm)
NAME PLATE
(ON BOTTOM)
2.00
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- 150grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC17000046
RTP
01/05/2017
DROR S.
2.00
EC17000057
THREAD WAS CHANDED.
08/11/2017
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 303
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-303-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\303\model\1-300-000-icd
4/30/2017
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 10/3/2018
PRINTED ON: 10/3/2018
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
M303 ICD
1-303-000-icd
4/30/2017
4/30/2017
4/30/2017
22.3
38.7
55.1
71.5
47.5
GK0WCM-P12UM00-000L
ODU
(WITHOUT PLASTIC COVER)
COG
83.6
93.8
47.5
INDICATORS
PANEL
COG
COG
GK0WAM-P12UM00-000L (x7)
ODU
(WITHOUT PLASTIC COVER)
77.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.(4.2mm)
NAME PLATE
(ON BOTTOM)
2.00
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- 150grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC17000046
RTP
01/05/2017
DROR S.
2.00
EC17000057
THREAD WAS CHANDED.
08/11/2017
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 303
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-303-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\303\model\1-300-000-icd
4/30/2017
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 10/3/2018
PRINTED ON: 10/3/2018
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
M303 ICD
1-303-000-icd
4/30/2017
4/30/2017
4/30/2017
22.3
38.7
55.1
71.5
47.5
GK0WCM-P12UM00-000L
ODU
(WITHOUT PLASTIC COVER)
COG
83.6
93.8
47.5
INDICATORS
PANEL
COG
COG
GK0WAM-P12UM00-000L (x7)
ODU
(WITHOUT PLASTIC COVER)
77.0
DRILL & TAP FOR #4-40
HELICOIL Insert = 1.5 * Dia.(4.2mm)
NAME PLATE
(ON BOTTOM)
2.00
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 20-30mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 45-60 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- 150grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.00
EC17000046
RTP
01/05/2017
DROR S.
2.00
EC17000057
THREAD WAS CHANDED.
08/11/2017
DROR S.
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
MILTECH 303
1.00
D
E
F
A3
SHEET 1 OF 1
SCALE: 1:2
DWG NO.
TITLE:
DWG REV.
1-303-000-icd
PART NO:
PROJECT:
WEIGHT:
[g]
DSGN'D
SEE NOTES
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\303\model\1-300-000-icd
4/30/2017
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H12
- SHAFTS & EXTERNAL DIMENSIONS: h12
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
5
6
7
8
LAST UPDATE: 10/3/2018
PRINTED ON: 10/3/2018
B
A
8
7
6
4
C
5
1
2
3
A
B
4
3
2
1
C
F
E
D
DROR S.
M303 ICD
1-303-000-icd
4/30/2017
4/30/2017
4/30/2017
A
B
C
MILTECH™ 303
IP 68 Military Rugged USB 3.2 Gen1 advanced featured Smart HUB
3.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com