Electronic Components Datasheet Search
  English  ▼

X  

304 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 304
Description  Compact, Portable Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

304 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  304 Datasheet HTML 1Page - Enercon Technologies Europe AG 304 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
SPECIFICATIONS
•
4 x switched 10/100 (Fast Ethernet) ports
ETHERNET PORTS
•
Full wire-speed forwarding rate
•
Store-and-forward mechanism
•
Auto MDI-II, MDI-X
•
Auto-Negotiation Protocol
•
Address Look-Up
NETWORKING
•
Power Connector: SCE2-B-76A06-07SN-001
•
LAN Connector: SCE2-B-76A06-07SN-001
•
LED Indication Per Port (Link/Activity)
CONNECTORS
•
Machined rugged aluminum
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS
•
MILSTD-461E, MILSTD-810F/G/GM, IP68
STANDARDS
•
128K Byte of SRAM for Frame Buffering
•
2.0Gbps High-Performance Memory Bandwidth
•
Wire-Speed Reception and Transmission
PERFORMANCE
MILTECH™ 304
Compact, Portable Military Fast Ethernet Switch
Driven by rapid advancement and lower costs, Ethernet
is becoming the standard for IP-based components in
a wide range of military and commercial land, sea, and
air applications.
The MILTECH304’s ultra-compact, IP68 rugged
construction, and Fast Ethernet make it the ideal
switching solution for command post, man packable
and UAV systems. Its four 10/100Mbps ports are plug-
n-play with all Ethernet equipment and provide network
connectivity for most portable Ethernet devices, including:
• Helmet-mounted heads-up displays
• Computers
• Navigation devices
• Communications systems
• IP-based sensors
With the best combination of size, weight, power and
cost (SWaP-C) in the industry, the MILTECH304 reduces
load on the soldier, providing more space for equipment
that increases effectiveness and survivability.
The MILTECH304 operates on readily available 5VDC
power and may easily be powered from computers and
other devices with USB ports.The MILTECH’s mechanical
packaging enhancements, including ruggedized SCE2
circular connectors, is designed for MIL-STD-810F
airborne and ground environmental compliance and high
reliability. Leveraging best-in-class switching technology,
the MILTECH 304 serves as a robust commercial off-
the-shelf (COTS) solution for rugged LAN connectivity.


Similar Part No. - 304

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
304 ATC-304 Datasheet
362Kb / 2P
Percentage Timer
logo
PANAVISE PRODUCTS, INC.
304 PANAVISE-304 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Adafruit Industries
304 ADAFRUIT-304 Datasheet
94Kb / 2P
The Original Egg-Bot! - Deluxe Kit!
logo
Marathon Special Produc...
304 MARATHON-304 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
HellermannTyton.
304-1-G HELLERMANNTYTON-304-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 304

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
Managed Fast Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
Weidmuller
1285840000 WEIDMULLER-1285840000 Datasheet
237Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286550000 WEIDMULLER-1286550000 Datasheet
319Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286560000 WEIDMULLER-1286560000 Datasheet
318Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286580000 WEIDMULLER-1286580000 Datasheet
321Kb / 4P
Network switch, unmanaged, Fast Ethernet
2682170000 WEIDMULLER-2682170000 Datasheet
155Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021
2682250000 WEIDMULLER-2682250000 Datasheet
151Kb / 4P
Network switch, managed, Fast Ethernet
November 4, 2021
2682270000 WEIDMULLER-2682270000 Datasheet
154Kb / 4P
Network switch, managed, Fast Ethernet
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com