Electronic Components Datasheet Search
  English  ▼

X  

306 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 306
Description  An IP68 Military USB Hub
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

306 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  306 Datasheet HTML 1Page - Enercon Technologies Europe AG 306 Datasheet HTML 2Page - Enercon Technologies Europe AG 306 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Networking
Products
The MILTECH306 is a small size, IP68 rugged
construction, USB hub, offering 7+1 USB 2.0 ports.
The portable rugged USB hub is an ideal solution
for command post, man packable applications
based on USB systems and devices. All ports are
plug-n-play, providing network connectivity for
most portable USB devices, including:
• Helmet-mounted heads-up displays
• Rugged computers
• Navigation devices
• Communications systems
• IP-based sensors
• Battlefield communication C5ISR
With the best combination of size, weight,
power and cost (SWaP-C) in the industry,
the MILTECH306 reduces load on the soldier,
providing more space for equipment that
increases effectiveness and survivability.
The MILTECH306 is available in dual power
modes: VBUS and External. Both power inputs are
provided through dedicated contacts on connector
J1. External power input supports 8-28VDC.
VBUS is 5VDC via host device.
MILTECHTM 306
An IP68 Military USB Hub
MILTECH306 also provides the option for auxiliary
5VDC, 2 Amp (dedicated contacts) on downstream
ports #2, #3, #6, and #7 when powered
by an external source (total of 8A).
The unit’s mechanical packaging enhancements,
including ruggedized SCE2 circular connectors,
are designed for MIL-STD-810F airborne and
ground environmental compliance and high
reliability. Leveraging best-in-class technology,
the MILTECH306 serves as a robust commercial
off-the-shelf (COTS) solution for
rugged USB connectivity.
1232024
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
SPECIFICATIONS
ETHERNET PORTS::
• 1+7 USB 2.0 Hub with 8 dedicated ports
NETWORKING:
• Full wire-speed forwarding rate
CONNECTORS:
• Connectors Type: SCE2-B-76A06-07SN-001
CHASSIS:
• Low profile rugged machined aluminum
• Conductively cooled
• Ingress protection against sand, dust and moisture
• Anodize Coating, MIL-A-8625, Type II, Class 2
STANDARDS:
• MILSTD-461E, MILSTD-810F/G/GM, IP68


Similar Part No. - 306

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
Commercial miniature 6 mm square cermet trimmer potentiometer
logo
Marathon Special Produc...
306 MARATHON-306 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
EDAC, All Rights Reserv...
306-006-400-101 EDAC-306-006-400-101 Datasheet
478Kb / 3P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-400-101 EDAC-306-006-400-101 Datasheet
129Kb / 2P
306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-400-102 EDAC-306-006-400-102 Datasheet
478Kb / 3P
306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results

Similar Description - 306

ManufacturerPart #DatasheetDescription
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
USB HUB CONTROLLER
logo
ATMEL Corporation
AT43310 ATMEL-AT43310 Datasheet
247Kb / 25P
USB Hub
AT43311 ATMEL-AT43311 Datasheet
136Kb / 24P
USB Hub
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
USB HUB CONTROLLER
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
USB Sensor Hub
logo
Glenair, Inc.
808-086 GLENAIR-808-086 Datasheet
193Kb / 1P
USB Cordset Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
logo
A-Data Technology
SD700X A-DATA-SD700X Datasheet
519Kb / 2P
IP68 certified and military-spec
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com