Electronic Components Datasheet Search
  English  ▼

X  

308 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 308
Description  Compact, Portable Military Fast Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

308 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  308 Datasheet HTML 1Page - Enercon Technologies Europe AG 308 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MILTECHTM 308
Compact, Portable Military Fast Ethernet Switch
FEATURES
Driven by rapid advancement and lower costs, Ethernet is
becoming the standard for IP-based components in a wide
rangeofmilitaryandcommercialland,sea,andairapplications.
The MILTECH 308’s ultra-compact, IP68 rugged construction,
and Fast Ethernet make it the ideal switching solution
for command post, man packable and UAV systems. Its
eight 10/100Mbps ports are plug-n-play with all Ethernet
equipment and provide network connectivity for most
portable Ethernet devices, including:
• Helmet-mounted heads-up displays
• Computers
• Navigation devices
• Communications systems
• IP-based sensors
With the best combination of size, weight, power and cost
(SWaP-C) in the industry, the MILTECH 308 reduces load
on the soldier, providing more space for equipment that
increases effectiveness and survivability.The MILTECH 308
operates on readily available 5VDC power and may easily be
powered from computers and other devices with USB ports.
The MILTECH’s mechanical packaging enhancements,
including ruggedized SCE2 circular connectors, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology from Techaya, the MILTECH 308
serves as a robust commercial off-the-shelf (COTS) solution
for rugged LAN connectivity.
Networking
Products
SPECIFICATIONS
NETWORKING
CONNECTORS
CHASSIS
STANDARDS
PERFORMANCE
• Full wire-speed forwarding rate
• Store-and-forward mechanism
• Auto MDI-II, MDI-X
• Auto-Negotiation Protocol
• Address Look-Up
• Power Connector: SCE2-B-76A06-07SN-001
• LAN Connector: SCE2-B-76A06-07SN-001
• LED Indication Per Port (Link/Activity)
• Machined rugged aluminum
• Conductively cooled w/custom internal heat-sinks
• Ingress protection against sand, dust and moisture
• Anodize Coating, MIL-A-8625, Type II, Class 2
• MILSTD-461E, MILSTD-810F/G/GM, IP68
• 128K Byte of SRAM for Frame Buffering
• 2.0Gbps High-Performance Memory Bandwidth
• Wire-Speed Reception and Transmission
ETHERNET PORTS
• 8 x switched 10/100 (Fast Ethernet) ports
1 | 112023
Ask us about our complete line of power and networking products.
Netanya, Israel • +972 73 246 9200 • sales@enercon.co.il
www.enercon.co.il


Similar Part No. - 308

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
logo
Wiha Tools
308 WIHA-308 Datasheet
524Kb / 2P
Wiha SoftFinish®. The Specialist for Dry & General Applications.
logo
Marathon Special Produc...
308 MARATHON-308 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
HellermannTyton.
308-10300 HELLERMANNTYTON-308-10300 Datasheet
237Kb / 1P
Heat Shrinkable Tubing
October 2015
308-10303 HELLERMANNTYTON-308-10303 Datasheet
237Kb / 1P
Heat Shrinkable Tubing
October 2015
More results

Similar Description - 308

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
Managed Fast Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
Weidmuller
1285840000 WEIDMULLER-1285840000 Datasheet
237Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286550000 WEIDMULLER-1286550000 Datasheet
319Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286560000 WEIDMULLER-1286560000 Datasheet
318Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286580000 WEIDMULLER-1286580000 Datasheet
321Kb / 4P
Network switch, unmanaged, Fast Ethernet
2682170000 WEIDMULLER-2682170000 Datasheet
155Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021
2682250000 WEIDMULLER-2682250000 Datasheet
151Kb / 4P
Network switch, managed, Fast Ethernet
November 4, 2021
2682270000 WEIDMULLER-2682270000 Datasheet
154Kb / 4P
Network switch, managed, Fast Ethernet
November 4, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com