Electronic Components Datasheet Search
  English  ▼

X  

406 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 406
Description  Miniature Portable Communication Grid for Dismounted Soldier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

406 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  406 Datasheet HTML 1Page - Enercon Technologies Europe AG 406 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
The modern digital soldier is a fully equipped, advanced
weapon and communication systems - outfitted with a
multitude of electronic devices. These devices, such as
a navigation systems, battery packs, headsets, warning
sensors, video visor for weapons, night vision glasses
and many more items, are necessary for “modern”
warfare. All of these devices have to communicate to
each other by means of top quality, reliable connection
systems and the MILTECH406 does it all.
The MILTECH406 is communication grid combines
LAN, USB, serial, and SMBUS communication for foot
and dismounted soldiers. It is a perfect solution for
MILTECH™ 406
Miniature Portable Communication Grid for Dismounted Soldier
FEATURES DESCRIPTION
connecting non-Ethernet and Ethernet devices as a
transition to the future soldier all-Ethernet configuration.
The MILTECH406 outfits soldiers in the digital battlefield
with a lightweight, fully integrated infantry combat
systems. We offer a range of light-weight adaptable
systems that are ideally suited for frontline forces in the
most complex modern battlefield scenarios. This new
and unique concept aggregates and delivers intelligence
information along with all required communication in
a tiny, light weight package that can be carried in smart
combat vest solutions.
SPECIFICATIONS
•
6 x switched 10/100 (Fast Ethernet) ports
•
Up to 7 x USB 2.0 ports
•
1 x Serial, RS-232 to USB
•
1 x Smart Batteries SoC (SMBUS V.2.0), I²C to USB
•
1 x External power source input
PORTS
•
Providing SoC for batteries via SMBUS over USB
interface
•
Providing Serial RS-232 over USB interface
•
Providing 6 x Ethernet switch over USB
•
Option to connect dedicated USB to Ethernet switch
•
Supports 0.5A per USB port power supply
•
Main USB port is connected to:
• 6 x Switched 10/100 ports
• Up to 7 x USB 2.0 Ports
• 1 x RS-232
• 1 x SMBUS V.2.0 / I²C
• Support up to 0.5A per USB port
SYSTEM OVERVIEW
•
6 x SCE2-B-76-A-07-14-SN, 14 PIN connector
CONNECTORS
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS
•
MILSTD-461E, MILSTD-810F GM, IP68
STANDARDS
•
128K Byte of SRAM for Frame Buffering
•
2.0Gbps High-Performance Memory Bandwidth
•
Auto MDI-X and Auto-Negotiation on all ports
•
Wire-Speed Reception and Transmission
SWITECH
PERFORMANCE


Similar Part No. - 406

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
Tab connector Lead distributor
01.21
More results

Similar Description - 406

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
logo
Abracon Corporation
ABU ABRACON-ABU Datasheet
384Kb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
Harris Corporation
RF-3162-AT001 HARRIS-RF-3162-AT001 Datasheet
1Mb / 2P
Multiband Soldier Antenna
logo
Hirose Electric
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
Interface Connectors for Miniature, Portable Terminal Devices
logo
ON Semiconductor
B300W35A102XYG ONSEMI-B300W35A102XYG Datasheet
485Kb / 31P
Audio Processor for Portable Communication Devices DFN??4 D SUFFIX
March, 2011 ??Rev. 7
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
Interface Connectors for Miniature, Portable Terminal Devices
logo
Abracon Corporation
ABU ABRACON-ABU_15 Datasheet
1Mb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
09.01.10
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
Hirose Electric
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
Interface Connectors for Miniature, Portable Terminal Devices
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com