Electronic Components Datasheet Search
  English  ▼

X  

410 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 410
Description  Integrated Soldier Power and Data Management System (ISPDS) with USB.3.0 and 1G LAN Capabilities
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

410 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  410 Datasheet HTML 1Page - Enercon Technologies Europe AG 410 Datasheet HTML 2Page - Enercon Technologies Europe AG 410 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
MILTECH™ 410
Integrated Soldier Power and Data Management System (ISPDS)
with USB.3.0 and 1G LAN Capabilities
SPECIFICATIONS
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS
•
MIL-STD-461E, MIL-STD-810F, MIL-STD-1275, IP68
STANDARDS
•
IEEE 802.3, IEEE 802.3u IEEE 802.3z
•
IEEE 802.3x Flow Control
•
USB 2.0
•
USB 3.0
•
SMBUS V.2.0
STANDARDS COMPLIANCE
•
Power Input:
- 2 x Battery: 8-16.8Vdc (compatible with 3 and 4 cells smart batteries, including SMBUS per battery).
- External Power: 12-32Vdc for battery charging and full system operation, MIL-STD-1275 protection.
•
Power Output:
- 5 x 5VDC, 2A max per port
- 2 x Vbat (8-16.8Vdc), 3A per port
•
Total System Current Limitation: Vbat, 6A
•
Total System Current Limitation for 5VDC Rail: 5VDC, 5A
•
Total System Power Consumption: 5W
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
MILSTD-810F:
Random vibration (514.5I), Bench Handling (516.6VI), High Temp.(501.5I,II), Low Temp.(502.5I), Humidity
(507.5II), Air Pressure (500.5I,II), Blowing Rain (506.5I), Immersion (512.5I), Salt Atmosphere (509.5I),
Blowing Dust (510.5I), Loose Cargo Vibration (514.6II), Wind Analysis.
•
IP68
ENVIRONMENTAL
•
Dimensions: 115.2mm (L) x 91mm(W) x 26.9mm(H), not including connectors
•
Dimentions: 4.54” (L) x 3.58” (W) x 1.06” (H), not includind connectors
•
Weight: 330g
•
LED indication Speed, Link/Activity Power, Charge (Total of 3 LEDs) per port
•
Dark Mode for all LED indications
PHYSICAL
•
Set of 4 mounting holes (4-40 UNC) for mounting to any flat surface.
INSTALLATION
•
-40ºC to +80ºC (-40ºF to +176ºF) – Cold Start-Up
OPERATING TEMP
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com