Electronic Components Datasheet Search
  English  ▼

X  

470 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 470
Description  Military Grade 5 X USB2 2 X 10/100/1000BT Ethernet Rugged USB to Ethernet while charging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

470 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  470 Datasheet HTML 1Page - Enercon Technologies Europe AG 470 Datasheet HTML 2Page - Enercon Technologies Europe AG 470 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
June 06, 2023
|
Rev (A)
|
Doc: MILTECH 470
|
Page 2 of 3
SPECIFICATIONS
Unit Dimensions
270.4mm(L) x 176.8.3mm(W) x 57.2mm(H)
10.65" (L) x 6.96" (W) x 2.25" (H)
Weight: ~2500gr
Installation Holes: 4 x #10-32UNC Screws
Unit interfaces
J1 (Power): D38999/24WB98PN Shell Size 11 J2
(USB): D38999/24WD35SN Shell Size 15
J3 (Ethernet): D38999/24WC35SN Shell Size 13
J4 (Service): D38999/24WB35SN Shell Size 11
Power input
12-48V DC input range. Note: based on integrated Enercon M7029-17 Module
Power
consumption
~4W (Idle mode, no external devices connected)
~60W (In 5V/1.5A charge on all 5 USB ports)
~114W (In 5V/3A charge on all 5 USB ports)
Communications
Ports
5 x USB2 device ports with Power Delivery SRC DRP capability (5V/3A max each)
2 x 10/100/1000BT Copper ports (integrated magnetics + ESD protection)
Management
Based on dedicated USB2 port for external host connectivity
Host console commands for identifying external devices status, enabling/disabling
device ports (power/data) and performing unit BIT
EMI/EMC
Environmental
MILSTD-461G
MILSTD-810H
MILSTD-704A
IP67
INSTALLATION
Installation on any flat surface with 4 x #10-32UNC Screws
COOLING
No Moving Parts, Conduction Cooling
OPERATING TEMP
-40ºC to +85ºC (-40ºF to +185ºF) Cold Start-Up
STORAGE TEMP
-40ºC to +85ºC (-40ºF to +185ºF)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com