Electronic Components Datasheet Search
  English  ▼

X  

718 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 718
Description  Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

718 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  718 Datasheet HTML 1Page - Enercon Technologies Europe AG 718 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. B
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
One of the most exciting advancement in technology
over the last decade has been unmanned vehicles
including:
• Unmanned aerial vehicles (UAVs) or Drones
• Land autonomous vehicles (UGVs)
• Robots
• Other unmanned support vehicles
These vehicles must be agile, compact and highly
intelligent. In order to support this sophisticated
intelligence, these platforms may have to carry and
connect a variety of Ethernet-based devices including
computers, sensors, and targeting systems - all in
compact platforms that must operate in extreme
environmental conditions.
MILTECH™ 718
Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch
PRODUCT DESCRIPTION
The MILTECH718 is a rugged, cost-effective, ultra-
compact board-level Ethernet switching solution
(70x40mm). Equipped with 8GbE 10/100/1000Mbps
ports, this board - level switch is ideal for integrating
system level solutions through board-to-board
connectors.
The MILTECH718 consumes only 5W of power and
uses 9-32VDC. Its ruggedized design feature mechanical
packaging enhancements designed for MILSTD-461E,
MILSTD-810F/G and IP68 compliance when installed
in an appropriate enclosure.
SPECIFICATIONS
•
8 x triple-speed 10/100/1000Mbps
ETHERNET PORTS:
•
Full wire-speed forwarding rate
•
Cut through switch fabric
•
Auto MDI, MDI-X
•
Jumbo frame up to 10K Bytes
•
16K mac addresses
NETWORKING:
•
Power + LAN Connector: Samtec board to board
connector: QTE-040-02-L-D-A
CONNECTORS:
•
MILSTD-461E, MILSTD-810F/G, IP68 when
installed in an appropriate chassis
STANDARDS:
•
2Mbit packet buffer
•
25Gbps High-Performance Bandwidth
•
LED indication (Speed, Link/Activity) per port
- Optional
•
Wire-Speed Reception and Transmission
•
Integrated Address Look-Up Engine
•
Automatic Address Learning
PERFORMANCE:
•
IEEE 802.3ab 1000BASE-TX
•
IEEE 802.3u 100BASE-TX
•
IEEE 802.3x Flow Control
STANDARDS COMPLIANCE:


Similar Part No. - 718

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
718 GILWAY-718 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
JMK Inc.
718 JMK-718 Datasheet
38Kb / 1P
The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
718 ETC2-718 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Greenlee Communications
718 GREENLEE-718 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
3M Electronics
718 3M-718 Datasheet
14Kb / 1P
3M™ 718 Static Sensor Physical Properties
More results

Similar Description - 718

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
logo
Advantech Co., Ltd.
ARK-1360 ADVANTECH-ARK-1360_11 Datasheet
2Mb / 2P
Fanless, ultra compact embedded box IPC
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
Ultra Compact Industrial Ethernet Switches
logo
Red Lion Controls. Inc
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
ORing Industrial Networ...
TES-180-M12 ORING-TES-180-M12 Datasheet
414Kb / 4P
Compact Size 8-port unmanaged Ethernet switch
logo
Advantech Co., Ltd.
VESP211 ADVANTECH-VESP211 Datasheet
549Kb / 2P
Ultra Compact Ethernet Serial Servers
BB-VESR901 ADVANTECH-BB-VESR901 Datasheet
442Kb / 2P
Ultra Compact Ethernet Serial Servers
NMC-0804 ADVANTECH-NMC-0804 Datasheet
617Kb / 1P
8 Ports 1GbE Fiber Module
24-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com