Electronic Components Datasheet Search
  English  ▼

X  

9012-C Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9012-C
Description  Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9012-C Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9012-C Datasheet HTML 1Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 2Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 3Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 4Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Networking
Products
Driven by rapid advancement and lower costs,
Ethernet is becoming the standard for IP-based
components in a wide range of military and
commercial applications, including:
• Avionics and UAVs
• Mobile equipment in battlefield environments
• Land autonomous vehicles
• Robots
The MILTECH 9012C is specifically designed for
battlefield C4ISR, voice, video, and sensor data
acquisition, and communications in platforms that
require LAN/WAN connectivity.
While platform-internal networks need maximum
speed and throughput, WAN interfaces require
robust connectivity. The MILTECH 9012C
provides the best of both worlds in a single
package – with our proven line- rate internal
routing/switching AND Cisco-IOS-XE industry-
standard routing, security, and mobility protocols.
The MILTECH 9012C’s switch portion features
both L2/ L3 network switching and routing
capabilities, including virtual LANS (VLANS),
traffic prioritization/QoS, IPv4/ IPv6 support, and
bandwidth aggregation.
The integrated Cisco 8000V router transparently
connects to a mobile world of wired and wireless
networks, with IPv4/IPv6 routing and multicast
protocols that include BGP, OSPF, GRE, EIGRP,
CDP, IGMP and MLD. Voice and video connection
quality is maintained with advanced quality of
service (QoS) while external communications is
secured with the latest encryption algorithms,
IPsec and IKEv2 protocols, authentication, identity
management, and integrated threat management.
These advanced functions normally require a
separate edge router but are now available in our
compact MILTECH 9012C.
MILTECHTM 9012-C
Compact, Military-Grade, Managed 12-Port Gigabit Ethernet
Router / Switch With Cisco® IOS® - XE 8000V
The MILTECH 9012C offers the best combination
of size, weight, and power (SWaP) in the industry,
saving valuable real estate for devices that make
mobile platforms highly effective. No other
military-grade devices offer such functionality in
such a small package.
The 9012C is a member of the MILTECH 9012
family that offers flexible alternatives for LAN,
LAN/WAN, and customizable networking. All
family members are MIL-STD, fully managed, and
military grade, with 12 triple-speed
(10/100/1000Mbps) ports. The MILTECH 9012C
gigabit-rate transmission and 24VDC power make
it instantly compatible with network device and
power systems.
Developed for military and harsh avionic
applications, the MILTECH 9012C’s mechanical
packaging enhancements are designed for MIL-
STD-810F airborne and ground environmental
compliance and high reliability. The unit has been
especially hardened to improve ingress, impact,
and shock/vibration protection, as well as
eliminate all moving parts using passive cooling.
Sealed SCE2 Amphenol circular connectors give
the MILTECH 9012C an IP68 rating.
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
122024


Similar Part No. - 9012-C

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9012-05-0-10 COTO-9012-05-0-10 Datasheet
94Kb / 2P
Miniature SIP Relays
9012-05-0-11 COTO-9012-05-0-11 Datasheet
94Kb / 2P
Miniature SIP Relays
9012-05-1-10 COTO-9012-05-1-10 Datasheet
94Kb / 2P
Miniature SIP Relays
9012-05-1-11 COTO-9012-05-1-11 Datasheet
94Kb / 2P
Miniature SIP Relays
9012-05-10 COTO-9012-05-10 Datasheet
676Kb / 3P
9011, 9012 9117 MINIATURE SIP RELAYS
More results

Similar Description - 9012-C

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
Industrial 12-port managed Gigabit PoE Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
CPGS-9120-C ORING-CPGS-9120-C Datasheet
2Mb / 6P
3U CompactPCI EN50155 12-port managed Gigabit Ethernet switch
CPGS-9120-M12-C ORING-CPGS-9120-M12-C Datasheet
2Mb / 7P
3U CompactPCI EN50155 12-port managed Gigabit Ethernet switch
IGS-9084GP-FB2 ORING-IGS-9084GP-FB2 Datasheet
2Mb / 6P
Industrial 12-port managed Gigabit bypass Ethernet switch
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
12-port managed Gigabit Ethernet switch
TGS-9200-M12 ORING-TGS-9200-M12 Datasheet
4Mb / 7P
20-port managed Gigabit Ethernet switch
TGPS-9084GT-M12 ORING-TGPS-9084GT-M12 Datasheet
4Mb / 7P
12-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com