Electronic Components Datasheet Search
  English  ▼

X  

9024 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 9024
Description  Military Managed 24-Port 1G Ethernet Router/Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9024 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  9024 Datasheet HTML 1Page - Enercon Technologies Europe AG 9024 Datasheet HTML 2Page - Enercon Technologies Europe AG 9024 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
QoS Multi-Layer Classifier: 802.1p, EtherType,
VLAN-ID, IPv4/6 DSCP/ToS, and UDP/TCP ports & ranges traffic classification.
•
Per port WFQ and Strict Queuing scheduling
•
DSCP remarking for both IPv4 and IPv6 frames
•
Ingress policer and ingress shaper per port with 500Kbps granularity
•
Egress shaper per port with 500Kbps granularity
•
Full-duplex flow control (IEEE802.3X) and half-duplex backpressure, symmetric and asymmetric
NETWORKING:
Quality of Service:
•
Security via Radius Authentication 802.1x, Port / MAC access control
•
Port Security
•
Per port ingress and egress port mirroring including 10G mirroring
•
Mirroring per VLAN and per content awareness match
•
Private VLAN support per VLAN (Isolated and Promiscuous ports)
•
Content Aware Policers:
• 128 Content Aware Policers
• 16 Content Aware rate policers with rates from 1fps to 32 million fps
• 8 UDP/TCP port range policers
• Advanced ACL through hardware based match patterns
• Content Aware Policers for generic MAC, ARP, IPv4, IPv6 protocols
• No restriction on any mix of entries to Content Aware Policers
• Content Aware Policers actions are permit/deny, police, count, snoop and mirror
• Special support for IP fragments, UDP/TCP port ranges
• Extensive CPU DoS prevention
• Surveillance functions by Content Aware Policers counters
• Multiple ACLs per port for optimal usage of Content Aware Policers
•
Storm controllers for flooded broadcast, multicast and unicast
•
Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree (802.1S) for fast recovery rings
•
RPR for up to 30 units per ring with recovery time <50ms hardware based
•
20-Gbps bandwidth for ring topology
•
QoS consistency across stack / ring
•
Mirroring across stack / ring
•
Link aggregation groups spanning multiple switches in stack / ring
NETWORKING:
Security:
Redundancy and ring
protection:
•
1 x Power Connector Type: MIL-D-38999/24WC04PN
•
24 x LAN Connector Type: TV07RW09-09S (D38999)
•
SCE2-B76A0607SN
•
LED Indication: Per Port (Speed, Link/Activity)
CONNECTORS:
•
Machined rugged aluminum
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Military-grade coating per MIL-C-83286B
CHASSIS:
•
MIL-STD-1275E | MIL-STD-704A | MIL-STD-461F | MIL-STD-810G | IP67
STANDARDS:
MILTECH™ 9024
Military Managed 24-Port 1G Ethernet Router/Switch



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com