Electronic Components Datasheet Search
  English  ▼

X  

9030 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9030
Description  Military Managed 24 X 1G Copper Ports 1G F/O Port 5 X 10G Copper Ports
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9030 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9030 Datasheet HTML 1Page - Enercon Technologies Europe AG 9030 Datasheet HTML 2Page - Enercon Technologies Europe AG 9030 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Driven by rapid advancement and lower costs, Ethernet is
becomingthestandardforIP-basedcomponentsinawide
range of military and commercial applications, including:
• Armored ground vehicles
• Land autonomous vehicles (UGVs)
• Robots
• Mobile equipment fielded in harsh environments
Modernplatformscontaindozensofnetworkdevicesthat
must be interconnected. The MILTECH 9030 is an ideal
solutionformobileEthernet-equippedplatforms.Withthe
best combination of size, weight, power in the industry, it
savesvaluablerealestateforcomputers,sensors,targeting
systems, and other devices that make mobile platforms
highly effective.
The MILTECH 9030 is fully managed military grade
network switch offering 24 X 1G copper ports + 1G
F/O port + 5 X 10G copper ports.
It can be remotely managed to optimize communications
andprioritizecriticalinformationtraffic.Advancednetwork
features, never before found in a package of this size,
include switching protocols, virtual LANS (VLANS),
traffic prioritization (QoS), and bandwidth aggregation
are standard.
TheMILTECH9030’s10gigabitspeedsand24VDCpower
make it instantly compatible with network device and
power systems.
The MILTECH 9030’s is widely used in battlefield
communications C4ISR, video, sensor data acquisition,
andtransmission.Itsmechanicalpackagingenhancements,
including ruggedized D38999 connectors, is designed
for MIL-STD-810F airborne and ground environmental
compliance and high reliability. Leveraging best-in-class
switching technology from Techaya, the MILTECH 9030
serves as a robust commercial off-the-shelf (COTS)
solution for rugged LAN connectivity.
FEATURES
•
Managed 24 X 1G Copper Ports + 1G F/O Port + 5 X 10G Copper Ports
ETHERNET PORTS:
•
Wire-speed hardware-based 32 x 10 Gigabit Ethernet switch – L2, L3, L4
Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3 Multicast Routing,
VRRP,ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and GVRP up to 8K groups
for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q , manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
Jumbo Frame support up to 10K
•
WEB, CLI, Telnet , SNMP V2/V3 management
NETWORKING:
•
QoS Multi-Layer Classifier: 802.1p, EtherType,
VLAN-ID, IPv4/6 DSCP/ToS, and UDP/TCP ports & ranges traffic
classification.
•
Per port WFQ and Strict Queuing scheduling
•
DSCP remarking for both IPv4 and IPv6 frames
•
Ingress policer and ingress shaper per port with 500Kbps granularity
•
Egress shaper per port with 500Kbps granularity
•
Full-duplex flow control (IEEE802.3X) and half-duplex backpressure,
symmetric and asymmetric
NETWORKING:
Quality of Service:
PRODUCT DESCRIPTION
MILTECH™ 9030
Military Managed 24 X 1G Copper Ports + 1G F/O Port + 5 X 10G Copper Ports
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
June 19, 2023
|
Doc: MILTECH 9030
|
Page 1 of 3


Similar Part No. - 9030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9030 ETC2-9030 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9030 HEYCO-9030 Datasheet
152Kb / 2P
Snap Rivets
logo
Abbatron All Rights Res...
9030-9059 ABBATRON-9030-9059 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Heyco.
9030-P HEYCO-9030-P Datasheet
152Kb / 2P
Snap Rivets
9030F HEYCO-9030F Datasheet
152Kb / 2P
Snap Rivets
More results

Similar Description - 9030

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7323 VITESSE-VSC7323 Datasheet
464Kb / 2P
Meigs-IIe??- 10 x 1G and 10G Ethernet MAC Chip
logo
Schneider Electric
TCSESU051F0 SCHNEIDER-TCSESU051F0 Datasheet
103Kb / 2P
ConneXium Unmanaged Switch - 5 ports for copper - IP67 - M12
Jan 7, 2021
TCSESB083F23F0 SCHNEIDER-TCSESB083F23F0 Datasheet
104Kb / 3P
Ethernet TCP/IP basic managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
TCSESU053FN0 SCHNEIDER-TCSESU053FN0 Datasheet
90Kb / 3P
Ethernet TCP/IP switch - ConneXium - 5 ports for copper
Aug 11, 2019
MCSESM043F23F0 SCHNEIDER-MCSESM043F23F0 Datasheet
100Kb / 4P
Modicon Managed Switch - 4 ports for copper
Oct 30, 2020
TCSESL043F23F0 SCHNEIDER-TCSESL043F23F0 Datasheet
67Kb / 2P
ConneXium Lite Managed Switch - 4 ports for copper
Jul 21, 2021
TCSESM083F23F0 SCHNEIDER-TCSESM083F23F0 Datasheet
115Kb / 3P
Ethernet TCP/IP managed switch - ConneXium - 8 ports for copper
Aug 11, 2019
logo
Microsemi Corporation
VSC7424-02 MICROSEMI-VSC7424-02 Datasheet
4Mb / 772P
VSC7424-02 supports 10× 1G with 8x 1G copper PHYs 2× 1G SGMII
logo
Taoglas antenna solutio...
TMJG46945AENL TAOGLAS-TMJG46945AENL Datasheet
1Mb / 9P
RJ45 ICM 1G Base-T Quad Ports
2022-11-08
logo
Advantech Co., Ltd.
EKI-9528 ADVANTECH-EKI-9528 Datasheet
771Kb / 2P
EN 50155 28-port Managed Ethernet Switch with 24 x PoE Ports
12-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com