Electronic Components Datasheet Search
  English  ▼

X  

908 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 908
Description  Compact, Portable Military Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

908 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  908 Datasheet HTML 1Page - Enercon Technologies Europe AG 908 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
Driven by rapid advancement and lower costs, Ethernet
is becoming the standard for IP-based components in
a wide range of military and commercial applications,
including:
• Vetronics
• Battle management systems (BMSs)
• Airborne systems
• Land vehicles
• Mobile equipment fielded in harsh environments
ModernplatformsoftenneedEthernetswitchestoconnect
computers, sensors, targeting systems and other devices
that make these mobile platforms highly effective.
MILTECH™ 908
Compact, Portable Military Gigabit Ethernet Switch
PRODUCT DESCRIPTION
The MILTECH908 is a military-grade managed network
switch offering 8 triple-speed (10/100/1000Mbps) ports
with D38999 circular connectors. Its gigabit speeds
and 24VDC power make it instantly compatible with
network device and power systems.
The MILTECH908 is widely used in battlefield
communications C4ISR, video, and sensor data
acquisition, and transmission. Its mechanical packaging
enhancements are designed for MIL-STD-810F airborne
and ground environmental compliance and high
reliability. Leveraging best-in-class switching technology,
the MILTECH908 serves as a robust commercial off-
the-shelf (COTS) solution for rugged LAN connectivity.
DESCRIPTIONS
•
8 x switched 10/100/1000 Ethernet ports
ETHERNET PORTS:
•
Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree
(802.1S) for fast recovery rings
•
Security via Radius Authentication 802.1x, Port Security, Port Mirroring
•
Multicasting (IGMP Snooping), GARP, GMRP, and GVRP Broadcasting
and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
QoS Multi-Layer Classifier, 802.1p, ToS/DSCP traffic classification.
WFQ, Strict Queuing
•
Bridge support for Q-in-Q
•
Link Aggregation 802.3AD
•
L3 static routing
•
WEB, CLI, Telnet Management
•
Rmirror*
•
PortProtection:1+1portprotection,1:1portprotection,1:Nportprotection*
•
G.8032 ring protection*
•
DHCP option 82 relay*
•
L2CP tunneling
•
Protocol-based VLAN*
•
1588v2 PTP with two-step clock*
*Available in part number 1-908-101
NETWORKING:
•
Power Connector Type: MIL-D-38999/24WA98PA
•
LAN Connector Type: MIL-D-38999/24WB35SN
•
LED Indication Per Port (Speed, Link/Activity)
CONNECTORS:
•
Machined rugged aluminum
•
Conductively cooled w/custom internal heat-sinks
•
Ingress protection against sand, dust and moisture
•
Anodize Coating, MIL-A-8625, Type II, Class 2
CHASSIS:


Similar Part No. - 908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
908 ETC2-908 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
908 ETC2-908 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
908 ALPHAWIRE-908 Datasheet
144Kb / 2P
M12?륚 Plastic Passive I/O Box
logo
3M Electronics
908 3M-908 Datasheet
34Kb / 2P
ATG Gold Adhesive Transfer Tape
logo
Alpha Wire
908 ALPHAWIRE-908 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
More results

Similar Description - 908

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3380 PMC-PM3380 Datasheet
29Kb / 2P
Gigabit Ethernet Switch Port Controller
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
ET-8XS-MIL REDLION-ET-8XS-MIL Datasheet
888Kb / 4P
Military-Rated Industrial Ethernet Switch
logo
ORing Industrial Networ...
RGS-P9000 ORING-RGS-P9000 Datasheet
2Mb / 6P
Gigabit Ethernet switch
logo
Pepperl+Fuchs Inc.
ICRL-U-5RJ45-G-DIN PF-ICRL-U-5RJ45-G-DIN Datasheet
579Kb / 4P
Ethernet switch unmanaged gigabit
logo
Black Box Registered Tr...
SW-514 BLACKBOX-SW-514 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-515 BLACKBOX-SW-515 Datasheet
1Mb / 4P
COMPACT INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com