Electronic Components Datasheet Search
  English  ▼

X  

9124 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # 9124
Description  PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9124 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  9124 Datasheet HTML 1Page - Enercon Technologies Europe AG 9124 Datasheet HTML 2Page - Enercon Technologies Europe AG 9124 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
1
The MILTECH 9124 is specifically designed for
battlefield C4ISR, voice, video, sensor data acquisition,
and communications in platforms that handle large
quantities of real-time data. With 24 triple-speed
(10/100/1000Mbps) ports, the MILTECH 9124 is ideal for
mobile platforms, shipboard systems, ground, avionic,
and UAV that deal with high resolution video and other
data-intensive signaling.
The MILTECH 9124 features both L2/L3 network
switching and routing capabilities, including virtual LANS
(VLANS), traffic prioritization/QoS, IPv4/IPv6 support,
dynamic routing and bandwidth aggregation. It supports
all the latest networking protocols for redundancy,
security, multicast, and management.
The MILTECH 9124 offers the best performance and
combination of size, weight, and power (SWaP) in the
MILTECH™ 9124
PCB level Ethernet Switch, 1GE Managed 24-Port Ethernet Router/Switch
FEATURES DESCRIPTION
industry, saving valuable real estate for devices that
make mobile platforms highly effective.
Its 1GE transmission speeds and 3.3VDC power make
it instantly compatible with network devices and power
systems.
With conformal coating and board-to-board connectors,
it is plug-in ready for any rugged or military-grade
communications platform housing. By using the
MILTECH 9124 PCB level solution the customer can
reduce size and weight of his overall unit.
The MILTECH 9124 PCB will withstand working
temperatures of -40°C to +85°C and will comply with
MIL-STD-810 & MIL-STD461 (when incorporated in
a suitable enclosure).
SPECIFICATIONS
•
Managed 24 x switched 10/100 /1000 ports
•
Total of 24 Ports
ETHERNET PORTS:
•
Wire-speed hardware-based 24 ports gigabit and 10
Gigabit Ethernet switch – L2, L3, L4 Capabilities
•
L3-Routing capabilities:static,RIPV1,V2,OSPF V2/V3
Multicast Routing, BGP4*,VRRP,ECMP Routing
•
Multicasting (IGMP Snooping), GARP, GMRP, MLD and
GVRP up to 8K groups for both IPv4 and IPv6
•
Broadcasting and flooding Control up to 8K Groups
•
802.1q Tagged based VLAN up to 4K VLAN groups
•
Bridge Support for VLAN Q-in-Q , manual tunneling
•
Link Aggregation 802.3ad, up to 16 members in group
•
Link Aggregation mechanism based on L2/ L3/
L4 parameters
•
WEB, CLI, Telnet , SNMP V2/V3 management
NETWORKING:


Similar Part No. - 9124

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9124 BK-9124 Datasheet
800Kb / 3P
Programmable DC Power Supplies
logo
Leach International Cor...
9124 LEACH-9124 Datasheet
613Kb / 6P
CONTACTOR 3 PST, 50 AMP
logo
Cisco Systems, Inc.
9124 CISCO-9124 Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
logo
MRV Communications, Inc...
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Altech corporation
91240 ALTECH-91240 Datasheet
221Kb / 4P
KU4000 Enclosure Series
More results

Similar Description - 9124

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
Managed 24 Port 10/100 Mbps Ethernet Switch
logo
ORing Industrial Networ...
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
Industrial 10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
10-port managed Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
Industrial 24-port managed Ethernet switch
TES-3080-M12-BP2 ORING-TES-3080-M12-BP2 Datasheet
3Mb / 5P
8-port managed Ethernet switch
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
10-port managed Ethernet switch
TES-3162GT-M12-BP1 ORING-TES-3162GT-M12-BP1 Datasheet
3Mb / 5P
18-port managed Ethernet switch
TGPS-9168GT-M12 ORING-TGPS-9168GT-M12 Datasheet
4Mb / 6P
24-port managed Gigabit PoE Ethernet switch
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
24-port managed PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com