Electronic Components Datasheet Search
  English  ▼

X  

9136 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 9136
Description  Managed Military Grade Embedded Ethernet Switch up to 52 ports
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9136 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  9136 Datasheet HTML 1Page - Enercon Technologies Europe AG 9136 Datasheet HTML 2Page - Enercon Technologies Europe AG 9136 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
SPECIFICATIONS
•
253.4 Mpps wire speed forwarding rate
•
128 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE:
•
12VDC (4Vdc – 18Vdc)
•
Power Consumption: 15W Typical
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103. When encorporated in a suitable enclouser
ELECTROMAGNETIC:
•
MIL-STD-810F; 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516VI | 514.5 | 512.4
When encorporated in a suitable enclouser
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 87mm (L) x 87mm (W)
•
Dimensions: 3.42” (L) x 3.42”(W)
•
Weight: 250g
•
Mounting Holes: 8 x NC 6-32
PHYSICAL:
•
No Moving Parts. Passive Cooling.
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
* Currently not supported – software upgrade option.
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Board Level Ethernet Managed Switch, 24 x 1G Copper ports + 8 x 1G SGMII interfaces + 4 QSGMII interfaces +
4 x 10G F/O ports, including support for 1588 protocol
1-9136-000
•
Board Level Ethernet Managed Switch, 24 x 1G Copper ports + 8 x 1G SGMII interfaces + 4 QSGMII interfaces +
4 x 10G F/O ports, not including support for 1588 protocol
1-9136-002
•
Evaluation board for MILTECH9136 - 52 ports with 1588 protocol
1-9136EV-000
•
Evaluation board for MILTECH9136 - 36 ports W/O 1588 protocol
1-9136EV-001
•
Evaluation board for MILTECH9136 - 52 ports W/O 1588 protocol
1-9136EV-002
•
Evaluation board for MILTECH9136 - 36 ports with 1588 protocol
1-9136EV-003
•
Cooling base plate for MILTECH9136
1-CP-9136-000
MILTECH™ 9136
Managed Military Grade Embedded Ethernet Switch up to 52 ports



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com