Electronic Components Datasheet Search
  English  ▼

X  

M167 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # M167
Description  M167 SERIES 3-PHASE AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M167 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  M167 Datasheet HTML 1Page - Enercon Technologies Europe AG M167 Datasheet HTML 2Page - Enercon Technologies Europe AG M167 Datasheet HTML 3Page - Enercon Technologies Europe AG M167 Datasheet HTML 4Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Oct 18, 2021
|
Rev e
|
Doc: DS M167 Series
M167 SERIES 3-PHASE AC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Environmental
Designed to meet MIL-STD-
810E
Temperature:
Operating: –40C to +71C (at
Altitude:
Method 500.4, Procedure I & II,
Salt Fog:
Method 509-4
base plate)
Storage:
–55C to +125C
40,000 ft. and 70,000 ft.
Operational
Reliability
Humidity:
Vibration and Shock:
Min 50,000 hours, calculated per
MIL-STD-217F at +70C base
Method 507.4 - Up to 95%.
Shock - Sow-tooth, 20g peak,
11mS.
plate, Ground fixed.
Note: at 100C base plate MTBF
Vibration - method 514.6, proc. I.
will be lower
and method 519.6, proc. I
Environmental Stress Screening (ESS)
Including random vibration and thermal cycles is also available. Please consult factory for details.
Pin Assignment (Input Connector)
Pin No.
Function
Pin No.
Function
1
CHASSIS
9
PHASE A
2
PHASE A
10
PHASE A
3
N.C.
11
N.C.
4
PHASE B
12
PHASE B
5
PHASE B
13
N.C.
6
N.C.
14
PHASE C
7
PHASE C
15
PHASE C
8
N.C.
Pin Assignment (Output Connector)
Pin No.
Function
Pin No.
Function
Pin No.
Function
Pin No.
Function
1
- OUT
12
- OUT
23
+ OUT
34
+ OUT
2
INHIBIT
13
- OUT
24
- OUT
35
+ OUT
3
+ OUT
14
- OUT
25
- OUT
36
+ OUT
4
+ OUT
15
- OUT
26
- OUT
37
+ OUT
5
+ OUT
16
+ OUT
27
- OUT
38
+ OUT
6
+ OUT
17
+ OUT
28
- OUT
39
- OUT
7
+ OUT
18
+ OUT
29
- OUT
40
- OUT
8
+ OUT
19
+ OUT
30
- OUT
41
- OUT
9
- OUT
20
+ OUT
31
-INHIBIT
42
- OUT
10
- OUT
21
+ OUT
32
+ OUT
43
- OUT
11
- OUT
22
+ OUT
33
+ OUT
44
- OUT
• All output parallel pins should be connected together for best performance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com