Electronic Components Datasheet Search
  English  ▼

X  

M512 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # M512
Description  Rugged Small Size 512 USB3 Flash Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M512 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  M512 Datasheet HTML 1Page - Enercon Technologies Europe AG M512 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Networking
Products
The MILTECH M512 is a small, rugged, 512 GB
USB 3.0 portable local data storage drive. It is
ideal for securely uploading data to or
downloading data from:
• Portable computers Navigation devices
• Communication systems
• Defense systems
• Combat vehicles, avionic and
shipboard systems
For the highest level of data security and
preventing data breaches, the M512 features
secure erase via external GPIO, read/write
indication via external GPIO, and optional internal
battery to support self-powered secure erase
operation.
The MILTECH M512 comes with a variety of
mechanical enhancements to ensure reliability,
usability, and performance in harsh environments.
MILTECHTM M512
Rugged Small Size 512 USB3 Flash Drive
The unit's circular connector supports USB 3.0's
high speed signals, with backward compatibility to
USB 2.0. Using a dedicated ratchet, the connector
is secure and vibration-proof. The pin shell's
scoop-proof design prevents pins from being bent
or contacts from being electrically shorted during
mating. Blind insert capability uses polarity to help
guide insertion in places not easily viewed.
Designed to meet MIL-STD-81 OF airborne and
ground environmental compliance the MILTECH
M512 delivers high reliability and durability.
Leveraging best-in-class technology, the MILTECH
M512 serves as a robust commercial off-the-shelf
(COTS) solution for rugged and secure
USB storage.
1112023
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
SPECIFICATIONS
FLASH MEMORY:
• Double Write and Read speed with Raid-0
• Optional Data Protection with Raid-1
• Status indication via external GPIO
• Includes two flash memories
• Option for Internal battery to support self powered secure erase
CONNECTORS:
• Amphenol circular connector 805 series, 1O pins
• Support High Speed differential signals for USB 3.0
• Vibration proof via dedicated ratchet and 3-star thread
• Scoop Proof
CASE:
• Low profile rugged aluminum
• Conductively cooled w/custom internal heat-sinks
• Black anodize coating


Similar Part No. - M512

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51203 MITSUBISHI-M51203 Datasheet
108Kb / 4P
VOLTAGE COMPARATOR
M51203FP MITSUBISHI-M51203FP Datasheet
108Kb / 4P
VOLTAGE COMPARATOR
M51203TL MITSUBISHI-M51203TL Datasheet
108Kb / 4P
VOLTAGE COMPARATOR
M51204FP MITSUBISHI-M51204FP Datasheet
109Kb / 4P
VOLTAGE COMPARATOR?
M51204TL MITSUBISHI-M51204TL Datasheet
109Kb / 4P
VOLTAGE COMPARATOR?
More results

Similar Description - M512

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4435GYT-HF A-POWER-AP4435GYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4820GYT-HF A-POWER-AP4820GYT-HF Datasheet
64Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4453GYT-HF A-POWER-AP4453GYT-HF Datasheet
118Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4455GYT-HF A-POWER-AP4455GYT-HF Datasheet
65Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6680BGYT-HF A-POWER-AP6680BGYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6680SGYT-HF A-POWER-AP6680SGYT-HF Datasheet
65Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6980GN2-HF A-POWER-AP6980GN2-HF Datasheet
104Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP9430AGYT-HF A-POWER-AP9430AGYT-HF Datasheet
103Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP9430GYT-HF A-POWER-AP9430GYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com