Electronic Components Datasheet Search
  English  ▼

X  

M64 Datasheet(PDF) 1 Page - Enercon Technologies Europe AG

Part # M64
Description  Rugged Small Size USB3 Flash Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M64 Datasheet(HTML) 1 Page - Enercon Technologies Europe AG

  M64 Datasheet HTML 1Page - Enercon Technologies Europe AG M64 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Networking
Products
The MILTECH M256 is a small, rugged, 64 GB USB
3.0 portable local data storage drive. It is ideal for
securely uploading data to or downloading data
from:
• Portable computers Navigation devices
• Communication systems
• Defense systems
• Combat vehicles, avionic and
shipboard systems
For the highest level of data security and
preventing data breaches, the M64 features
secure erase via external GPIO, read/write
indication via external GPIO, and optional
internal battery to support self-powered
secure erase operation.
The MILTECH M64 comes with a variety of
mechanical enhancements to ensure reliability,
usability, and performance in harsh environments.
MILTECHTM M64
Rugged Small Size USB3 Flash Drive
The unit's circular connector supports USB 3.0's
high speed signals, with backward compatibility to
USB 2.0. Using a dedicated ratchet, the connector
is secure and vibration-proof. The pin shell's
scoop-proof design prevents pins from being bent
or contacts from being electrically shorted during
mating. Blind insert capability uses polarity to help
guide insertion in places not easily viewed.
Designed to meet MIL-STD-81 OF airborne and
ground environmental compliance the MILTECH
M64 delivers high reliability and durability.
Leveraging best-in-class technology, the MILTECH
M64 serves as a robust commercial off-the-shelf
(COTS) solution for rugged and secure
USB storage.
1112023
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
SPECIFICATIONS
FLASH MEMORY:
• Double Write and Read speed with Raid-0
• Optional Data Protection with Raid-1
• Status indication via external GPIO
• Includes two flash memories
• Option for Internal battery to support self powered secure erase
CONNECTORS:
• Amphenol circular connector 805 series, 1O pins
• Support High Speed differential signals for USB 3.0
• Vibration proof via dedicated ratchet and 3-star thread
• Scoop Proof
CASE:
• Low profile rugged aluminum
• Conductively cooled w/custom internal heat-sinks
• Black anodize coating


Similar Part No. - M64

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
M640 DSE-M640 Datasheet
1Mb / 7P
PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
logo
Mitsubishi Electric Sem...
M64080GP MITSUBISHI-M64080GP Datasheet
255Kb / 10P
410MHz 2SYSTEM 1CHIP PLL FREQUENCY SYNTHESIZER
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
logo
Enercon Technologies Eu...
M641 ENERCON-M641 Datasheet
550Kb / 5P
DC/DC POWER SUPPLY
Nov 2, 2021
logo
Mitsubishi Electric Sem...
M64270G MITSUBISHI-M64270G Datasheet
82Kb / 3P
M64270G
More results

Similar Description - M64

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4435GYT-HF A-POWER-AP4435GYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4820GYT-HF A-POWER-AP4820GYT-HF Datasheet
64Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4453GYT-HF A-POWER-AP4453GYT-HF Datasheet
118Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP4455GYT-HF A-POWER-AP4455GYT-HF Datasheet
65Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6680BGYT-HF A-POWER-AP6680BGYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6680SGYT-HF A-POWER-AP6680SGYT-HF Datasheet
65Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP6980GN2-HF A-POWER-AP6980GN2-HF Datasheet
104Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP9430AGYT-HF A-POWER-AP9430AGYT-HF Datasheet
103Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
AP9430GYT-HF A-POWER-AP9430GYT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Small Size & Lower Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com