Electronic Components Datasheet Search
  English  ▼

X  

1662003 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 1662003
Description  Inductive Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1662003 Datasheet(HTML) 1 Page - Turck, Inc.

  1662003 Datasheet HTML 1Page - Turck, Inc. 1662003 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
BI8U-Q10-AN6X2
Inductive Sensor
Technical data
Type
BI8U-Q10-AN6X2
ID
1662003
General data
 
Rated switching distance
8 mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Repeat accuracy
≤ 2 % of full scale
Temperature drift
≤ ±10 %
≤ ± 15 %, ≤ ‐25 °C v ≥ +70 °C
Hysteresis
3…15  %
Electrical data
 
Operating voltage
10…30  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 200 mA
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Output function
3-wire, NO contact, NPN
DC field stability
300 mT
AC field stability
300 mT
SS
Insulation class
÷
Features
■Rectangular, height 10.8 mm
■Active face on top
■Plastic, PBT-GF30-V0
■Factor 1 for all metals
■Resistant to magnetic fields
■Extended temperature range
■High switching frequency
■DC 3-wire, 10…30 VDC
■NO contact, NPN output
■Cable connection
Wiring diagram
Functional principle
Inductive sensors are designed for wear-free
and contactless detection of metal objects.
uprox Factor 1 sensors have significant
advantages due to their patented ferrite-
coreless multi-coil system. They detect all
metals at the same large switching distance and
are resistant to magnetic fields.


Similar Part No. - 1662003

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1662001 TURCK-1662001 Datasheet
197Kb / 2P
Inductive Sensor
11/07/2023
16620011 TURCK-16620011 Datasheet
776Kb / 2P
Inductive Sensor
11/07/2023
1662002 TURCK-1662002 Datasheet
243Kb / 2P
Inductive Sensor
11/07/2023
1662004 TURCK-1662004 Datasheet
242Kb / 2P
Inductive Sensor
11/07/2023
1662005 TURCK-1662005 Datasheet
983Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - 1662003

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
NBB1-4GM22-E0 PF-NBB1-4GM22-E0 Datasheet
109Kb / 1P
Inductive sensor
NBB2-8GM25-E0-V3 PF-NBB2-8GM25-E0-V3 Datasheet
226Kb / 2P
Inductive sensor
NBB2-8GM25-E2-V3 PF-NBB2-8GM25-E2-V3 Datasheet
225Kb / 2P
Inductive sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com