Electronic Components Datasheet Search
  English  ▼

X  

1902002 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 1902002
Description  Inductive Sensor – For Rotary Actuators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1902002 Datasheet(HTML) 2 Page - Turck, Inc.

  1902002 Datasheet HTML 1Page - Turck, Inc. 1902002 Datasheet HTML 2Page - Turck, Inc. 1902002 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
I/O matrix output
0 = output 1
1 - 3 = not used
Rotary actuators output current
≤ 80  mA, grounding is not allowed,
residual current ≤ 0.5 mA
Short-circuit protection / output watchdog
yes / yes
Wire breakage protection
≤ 0.1 mA
Output LEDs
yellow: output / red: Wire-break
Switching frequency
0.03 kHz
Mechanical data
 
Design
Dual sensor for valve monitoring, DSU35
Dimensions
59 x 60 x 35.4  mm
Housing material
Plastic, PP-GF30, Black
Active area material
Plastic, PP-GF30, black
Max. tightening torque of housing nut
3 Nm
Electrical connection
Connector, M12 × 1
Valve connection
Connector, M12 x 1
Environmental conditions
 
Ambient temperature
-25…+70  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
Switching state
2 × LEDs, Yellow/yellow
Accessories
BTS-DSU35-EB1
6900225
Actuation kit (puck) for dual sensors;
end position damped; hole pattern on
receptacle surface: 80 x 30 mm and
130 x 30 mm; connection shaft (shaft
extension) height: 20 mm (30 mm)/Ø:
max. 30 mm
BTS-DSU35-Z01
6900229
Mounting kit for dual sensors for
larger rotary actuators; Ø spacer plate
and snap ring: max. 65 mm; hole
pattern on receptacle surface: 30 x
80 mm (30 x 130 mm); connection
shaft (shaft extension) height: 20 mm/
Ø: max. 30 mm
BTS-DSU35-Z02
6900230
Mounting kit for dual sensors for
larger rotary actuators; Ø spacer plate
and snap ring: max. 65 mm; hole
pattern on receptacle surface: 30 x
80 mm (30 x 130 mm); connection
shaft (shaft extension) height: 20 mm
(30 mm)/Ø: max. 40 mm
BTS-DSU35-Z03
6900231
Mounting kit for dual sensors for
larger rotary actuators; Ø spacer plate
and snap ring: max. 110 mm; hole
pattern on receptacle surface: 30
x 130 mm; connection shaft (shaft
extension) height: 30 mm/Ø: max.
70 mm
BTS-DSU35-Z07
6900403
Mounting kit for dual sensors for
larger rotary actuators; Ø spacer plate
and snap ring: max. 110 mm; hole
pattern on receptacle surface: 30
x 130 mm; connection shaft (shaft
BTS-DSU35-EBE3
6901070
Actuation kit (puck) for dual sensors;
end position damped; "open" and
"closed" switchpoint adjustable; hole
pattern on receptacle surface: 80 x
30 mm and 130 x 30 mm; connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com