Electronic Components Datasheet Search
  English  ▼

X  

PCF8566T Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8566T
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566T Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8566T Datasheet HTML 27Page - NXP Semiconductors PCF8566T Datasheet HTML 28Page - NXP Semiconductors PCF8566T Datasheet HTML 29Page - NXP Semiconductors PCF8566T Datasheet HTML 30Page - NXP Semiconductors PCF8566T Datasheet HTML 31Page - NXP Semiconductors PCF8566T Datasheet HTML 32Page - NXP Semiconductors PCF8566T Datasheet HTML 33Page - NXP Semiconductors PCF8566T Datasheet HTML 34Page - NXP Semiconductors PCF8566T Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
1998 May 04
31
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
13 CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.25 Bonding pad locations.
(1) Typical value.
Pad size: 120
× 120 µm
Chip area: 7.27 mm.
The numbers given in the small squares refer to the pad numbers.
handbook, full pagewidth
MBH783
y
2.5 mm(1)
x
0
0
PCF8566
36
37
38
39
40
5
4
3
2
1
25
24
23
22
21
16
15
14
2.91(1)
mm
13
12
11
10
17
18
19
20
9
8
7
6
30
31
32
33
34
35
26
27
28
29
SA0
A2
A1
A0
OSC
S16
S17
S18
VSS
VLCD
BP0
BP2
BP1
S11
S10
S9
S12
S14
S13
S15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com