Electronic Components Datasheet Search
  English  ▼

X  

ZXTP2039F Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTP2039F
Description  SOT23 80 volt PNP silicon planar medium power transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2039F Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTP2039F Datasheet HTML 1Page - Zetex Semiconductors ZXTP2039F Datasheet HTML 2Page - Zetex Semiconductors ZXTP2039F Datasheet HTML 3Page - Zetex Semiconductors ZXTP2039F Datasheet HTML 4Page - Zetex Semiconductors ZXTP2039F Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZXTP2039F
Issue 3 - August 2005
4
www.zetex.com
© Zetex Semiconductors plc 2005
Typical characteristics
10A
1A
10mA
100mA
1mA
-55 °C
+25 °C
+100 °C
IC/IB=10
VCE(sat) v IC
IC-Collector Current
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
10A
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
10A
1A
100
0
300
200
400
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
10A
0.6
0.8
1.0
1.2
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
1mA
0
0.1
100mA
10mA
+25 ° C
0.2
0.3
0.4
0.5
IC/IB=10
10A
1A
+100 °C
-55 °C
+25 °C
+100 °C
-55 °C
+25 °C
-55 °C
+25 °C
+100 °C
IC/IB=10
VCE=5V
VCE=5V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1V
10V
100V
1s
DC
100ms
10ms
100us
1ms
1V
0
1mA
0.01
IC/IB=50
0.6
0.1
0.2
0.3
0.4
0.5
0.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com